Electronic Components Datasheet Search
  English  ▼

X  

ELM87 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM87
Description  Low power consumption CMOS 300mA V/R
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM87 Datasheet(HTML) 1 Page - ELM Electronics

  ELM87 Datasheet HTML 1Page - ELM Electronics ELM87 Datasheet HTML 2Page - ELM Electronics ELM87 Datasheet HTML 3Page - ELM Electronics ELM87 Datasheet HTML 4Page - ELM Electronics ELM87 Datasheet HTML 5Page - ELM Electronics ELM87 Datasheet HTML 6Page - ELM Electronics ELM87 Datasheet HTML 7Page - ELM Electronics ELM87 Datasheet HTML 8Page - ELM Electronics ELM87 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Rev.1.2
19 -
http://www.elm-tech.com
■General description
■Features
■Application
• Cell phones
• Battery operated devices
• Wireless devices
• Portable AV equipments
■Maximum absolute ratings
ELM87xxxxA Low power consumption CMOS 300mA V/R
ELM87xxxxA is CMOS voltage regulator which is characterized with low current consumption and low
dropout. ELM87 series provides high output current of 300mA while the consumption current is comparatively
low, which is Typ.1.0μA. There are 2 types of CE selection for ELM87 series: non-chip enable function and “H”
active. The standard output voltages are 1.8V, 2.5V, 3.0V, 3.3V, 5.0V; ELM87 series can also be designed as a
semi-custom IC within the range of 1.5V to 5.0V by 0.1V step. Thermal shutdown protection and short-circuit
current limiter are included in the IC. Ceramic condenser with low ESR can be used as input and output ones.
• Output voltage range
: 1.5V to 5.0V (by 0.1V)
• Output current
: Min.200mA(1.5V to 3.9V)
Min.300mA(4.0V to 5.0V)
• Current consumption
: Typ.1.0μA
• Standby current consumption : Typ.0.1μA
• Input stability
: Typ.0.05%/V
• Load stability
: Typ.10mV(1mA≤Iout≤100mA)
• Accuracy of output voltage
: ±2.0%
• Input-output voltage difference : Typ.125mV(Vout=3.0V, Iout=100mA)
• Short circuit current limiter
: Typ.50mA(Vout=0V)
• Thermal shutdown protection : Typ.160°C
• Chip enable pin
: “H” active (ELM87xx3xA)
• Package
: SOT-89, SOT-89-5
SOT-23, SOT-25
SC-70-5(SOT-353)
Parameter
Symbol
Limit
Unit
Input voltage
Vin
Vss-0.3 to 7.0
V
CE Input voltage
Vce
Vss-0.3 to Vin+0.3
V
Output voltage
Vout
Vss-0.3 to Vin+0.3
V
Output current
Iout
600
mA
Power dissipation
Pd
500 (SOT-89)
mW
500 (SOT-89-5)
250 (SOT-23, SOT-25)
150 (SC-70-5)(SOT-353)
Operationg Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C


Similar Part No. - ELM87

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM87 ELM-TECH-ELM87 Datasheet
1Mb / 19P
Low power consumption CMOS 300mA V/R
ELM87-SERIES ELM-TECH-ELM87-SERIES Datasheet
1Mb / 19P
Low power consumption CMOS 300mA V/R
ELM8718AA-S ELM-TECH-ELM8718AA-S Datasheet
137Kb / 14P
Low power consumption CMOS 300mA V/R
More results

Similar Description - ELM87

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM8718AA-S ELM-TECH-ELM8718AA-S Datasheet
137Kb / 14P
Low power consumption CMOS 300mA V/R
ELM87-SERIES ELM-TECH-ELM87-SERIES Datasheet
1Mb / 19P
Low power consumption CMOS 300mA V/R
logo
ACE Technology Co., LTD...
ACE5017T ACE-ACE5017T Datasheet
857Kb / 8P
300mA Ultra Low Consumption CMOS LDO
VER 1.2
logo
ELM Technology Corporat...
ELM87 ELM-TECH-ELM87 Datasheet
1Mb / 19P
Low power consumption CMOS 300mA V/R
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Leshan Radio Company
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
18V Low Current Consumption 300mA CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
logo
Will Semiconductor Ltd.
WL2855E WILLSEMI-WL2855E Datasheet
1Mb / 12P
Low noise, Low Power Consumption, 12V Input, 300mA, CMOS LDO
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
Low current consumption 300mA CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com