Electronic Components Datasheet Search
  English  ▼

X  

ELM87 Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM87
Description  Low power consumption CMOS 300mA V/R
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM87 Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM87 Datasheet HTML 4Page - ELM Electronics ELM87 Datasheet HTML 5Page - ELM Electronics ELM87 Datasheet HTML 6Page - ELM Electronics ELM87 Datasheet HTML 7Page - ELM Electronics ELM87 Datasheet HTML 8Page - ELM Electronics ELM87 Datasheet HTML 9Page - ELM Electronics ELM87 Datasheet HTML 10Page - ELM Electronics ELM87 Datasheet HTML 11Page - ELM Electronics ELM87 Datasheet HTML 12Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Rev.1.2
19 -
http://www.elm-tech.com
ELM87xxxxA Low power consumption CMOS 300mA V/R
■Marking
SOT-89
SOT-89-5
• SOT-89, SOT-23 package : ELM87xxxA (No CE)
• SOT-89-5, SOT-25 package : ELM87xx3xA(with CE)
SOT-23
SOT-25
• SC-70-5 package : ELM87xxCA (No CE)
ELM87xxx3CA (with CE)
SC-70-5
a to d : Assembly lot No.
A to Z (I, O, X excepted) and 0 to 9
a to c : Assembly lot No.
A to Z (I, O, X excepted) and 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com