Electronic Components Datasheet Search
  English  ▼

X  

ELM99 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM99
Description  CMOS middle current voltage regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99 Datasheet(HTML) 2 Page - ELM Electronics

  ELM99 Datasheet HTML 1Page - ELM Electronics ELM99 Datasheet HTML 2Page - ELM Electronics ELM99 Datasheet HTML 3Page - ELM Electronics ELM99 Datasheet HTML 4Page - ELM Electronics ELM99 Datasheet HTML 5Page - ELM Electronics ELM99 Datasheet HTML 6Page - ELM Electronics ELM99 Datasheet HTML 7Page - ELM Electronics ELM99 Datasheet HTML 8Page - ELM Electronics ELM99 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Rev.1.0
12 -
Protect
Circuit
Protect
Circuit
Control
Circuit
ELM99xxx1xC
ELM99xxx2xC: CE, ELM99xxx3xC: CE
ELM99xxx1xC
ELM99xxx2xC: CE, ELM99xxx3xC: CE
■Standard circuit
■Block diagram
ELM99xxxxxC CMOS Middle current voltage regulator
Pin No. Pin name
1
VSS
2
VIN
3
VOUT
4
NC
5
CE/CE
SOT-89-5(TOP VIEW)
Pin No. Pin name
1
VSS
2
VIN
3
VOUT
SOT-89(TOP VIEW)
ELM99xxx2AC
ELM99xxx3AC
ELM99xxx1AC
■Pin configuration
Pin No. Pin name
1
VIN
2
VSS
3
NC
4
CE/CE
5
VOUT
SOT-25(TOP VIEW)
Pin No. Pin name
1
VIN
2
VOUT
3
VSS
SOT-23(TOP VIEW)
ELM99xxx2BC
ELM99xxx3BC
ELM99xxx1BC
1
3
2
* Please connect 1.0μF at minimum for Ci and Co. Ceramic capacitors with 2.2μF or greater are recommended for stability operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com