Electronic Components Datasheet Search
  English  ▼

X  

ELM99 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM99
Description  CMOS middle current voltage regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99 Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM99 Datasheet HTML 2Page - ELM Electronics ELM99 Datasheet HTML 3Page - ELM Electronics ELM99 Datasheet HTML 4Page - ELM Electronics ELM99 Datasheet HTML 5Page - ELM Electronics ELM99 Datasheet HTML 6Page - ELM Electronics ELM99 Datasheet HTML 7Page - ELM Electronics ELM99 Datasheet HTML 8Page - ELM Electronics ELM99 Datasheet HTML 9Page - ELM Electronics ELM99 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Rev.1.0
12 -
■Marking
SOT-89
SOT-89-5
Symbol
Output voltage range
(V)
Package
CE Type
60
1.5~4.0
SOT-89
No CE
61
4.1~7.0
SOT-89
No CE
62
7.1~10.0
SOT-89
No CE
63
10.1~13.0
SOT-89
No CE
64
13.1~15.0
SOT-89
No CE
65
1.5~4.0
SOT-89-5
CE=Lo
66
4.1~7.0
SOT-89-5
CE=Lo
67
7.1~10.0
SOT-89-5
CE=Lo
68
10.1~13.0
SOT-89-5
CE=Lo
69
13.1~15.0
SOT-89-5
CE=Lo
6A
1.5~4.0
SOT-89-5
CE=High
6B
4.1~7.0
SOT-89-5
CE=High
6C
7.1~10.0
SOT-89-5
CE=High
6D
10.1~13.0
SOT-89-5
CE=High
6E
13.1~15.0
SOT-89-5
CE=High
6F
1.5~4.0
SOT-23
No CE
6G
4.1~7.0
SOT-23
No CE
6H
7.1~10.0
SOT-23
No CE
6J
10.1~13.0
SOT-23
No CE
6K
13.1~15.0
SOT-23
No CE
6L
1.5~4.0
SOT-25
CE=Lo
6M
4.1~7.0
SOT-25
CE=Lo
6N
7.1~10.0
SOT-25
CE=Lo
6P
10.1~13.0
SOT-25
CE=Lo
6Q
13.1~15.0
SOT-25
CE=Lo
6R
1.5~4.0
SOT-25
CE=High
6S
4.1~7.0
SOT-25
CE=High
6T
7.1~10.0
SOT-25
CE=High
6U
10.1~13.0
SOT-25
CE=High
6V
13.1~15.0
SOT-25
CE=High
a, b : Represents Output voltage range , Package type and CE type.
ELM99xxxxxC CMOS Middle current voltage regulator
SOT-23
SOT-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com