Electronic Components Datasheet Search
  English  ▼

X  

ELM99 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM99
Description  CMOS middle current voltage regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99 Datasheet(HTML) 1 Page - ELM Electronics

  ELM99 Datasheet HTML 1Page - ELM Electronics ELM99 Datasheet HTML 2Page - ELM Electronics ELM99 Datasheet HTML 3Page - ELM Electronics ELM99 Datasheet HTML 4Page - ELM Electronics ELM99 Datasheet HTML 5Page - ELM Electronics ELM99 Datasheet HTML 6Page - ELM Electronics ELM99 Datasheet HTML 7Page - ELM Electronics ELM99 Datasheet HTML 8Page - ELM Electronics ELM99 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Rev.1.0
12 -
ELM99xxxxxC CMOS middle current voltage regulator
ELM99xxxxxC is CMOS middle current voltage regulator which consists of reference voltage source, error
amplifier, low resistance output transistor, short-circuit protection circuit, thermal protection circuit, output
voltage setting resisters and chip-enable circuit. ELM99 series is characterized with small input/output voltage
difference (with its low resistance output transistor) and high load stability (with its high gain error amplifier).
There are 3 types of CE selection of ELM99 series: non-chip enable function, “L” active and “H” active. The
standard output voltages are 3.3V, 5.0V; these output voltages are fixed internally with high accuracy. ELM99
series can also be made as semi-custom IC within the range of 1.5V to 15.0V by 0.1V step.
• Output voltage range
: 1.5V to 15.0V (by 0.1V)
• Max. output current
: 300mA(Current is limited internally)
• Stand-by current consumption : Max.0.1μA(ELM99033xxC)
• Input stability
: Typ.0.1%/V(Iout=40mA)
• Load stability
: Typ.5mV(1mA≤Iout≤100mA)
• Accuracy of output voltage
: ±2.0%
• Protection circuit
: Thermal protection, Short protection
• Package
: SOT-89, SOT-89-5, SOT-23, SOT-25
■General description
■Features
■Application
• Battery operated devices
• Digital cameras
• Video recorders
• Reference voltage source
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Input voltage
Vin
20
V
CE/CE Input voltage
Vce
Vss-0.3 to Vin+0.3
V
Output voltage
Vout
Vss-0.3 to Vin+0.3
V
Output current
Iout
500
mA
Power dissipation
Pd
500 (SOT-89, SOT-89-5)
mW
300 (SOT-25)
250 (SOT-23)
Operationg temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
* Output current must not exceed power dissipation specified in maximum absolute ratings.
ELM99xxxxxC-x
Symbol
a, b, c
Output voltage
e.g. :
033: Vout=3.3V,
050: Vout=5.0V
d
CE selection
1: No CE
2: CE=“L” active
3: CE=“H” active
e
Package
A: SOT-89, SOT-89-5
B: SOT-23, SOT-25
f
Product version
C
g
Taping direction
S, N: Refer to PKG file
ELM99 x x x x x C - x
↑ ↑ ↑ ↑ ↑ ↑ ↑
a b c d e f g
■Selection guide


Similar Part No. - ELM99

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
CMOS middle current voltage regulator
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
CMOS middle current voltage regulator
ELM99271271BW-N ELM-TECH-ELM99271271BW-N Datasheet
170Kb / 18P
CMOS Middle current dual voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
CMOS Middle current dual voltage regulator
ELM99271272BW-N ELM-TECH-ELM99271272BW-N Datasheet
170Kb / 18P
CMOS Middle current dual voltage regulator
More results

Similar Description - ELM99

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RX5RE40A RICOH-RX5RE40A Datasheet
137Kb / 20P
VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
CMOS Middle current voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
CMOS Middle current dual voltage regulator
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
CMOS middle current voltage regulator
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
CMOS middle current voltage regulator
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com