Electronic Components Datasheet Search
  English  ▼

X  

ELM99 Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM99
Description  CMOS middle current voltage regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99 Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM99 Datasheet HTML 4Page - ELM Electronics ELM99 Datasheet HTML 5Page - ELM Electronics ELM99 Datasheet HTML 6Page - ELM Electronics ELM99 Datasheet HTML 7Page - ELM Electronics ELM99 Datasheet HTML 8Page - ELM Electronics ELM99 Datasheet HTML 9Page - ELM Electronics ELM99 Datasheet HTML 10Page - ELM Electronics ELM99 Datasheet HTML 11Page - ELM Electronics ELM99 Datasheet HTML 12Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Rev.1.0
12 -
■Typical characteristics
■
Typical characteristics
・
ELM99xxx2xC, ELM99xxx3xC
2
4
6
8 10 12 14 16 18
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25℃ Top=+85℃
VceH-Vin
Vin (V)
Top=-40℃
2
4
6
8 10 12 14 16 18
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25℃
Top=+85℃
VceL-Vin
Vin (V)
Top=-40℃
-40
-20
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vin=2.2V
Vin=6.0V
VceH-Top
Top (℃)
Vin=18V
-40
-20
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vin=2.2V
Vin=6.0V
VceL-Top
Top (℃)
Vin=18V
2
4
6
8 10 12 14 16 18
0
0.01
0.02
0.03
0.04
0.05
Top=+25℃
Top=+85℃
Istandby-Vin
Vin (V)
Top=-40℃
Vce=Vin for ELM99xxx2xC
Vce=Vssfor ELM99xxx3xC
-40
-20
0
20
40
60
80
0
0.01
0.02
0.03
0.04
0.05
Vin=2.2V
Vin=6.0V
Istandby-Top
Top (℃)
Vin=18V
Vce=Vin for ELM99xxx2xC
Vce=Vss for ELM99xxx3xC
ELM99xxxxxC CMOS Middle current voltage regulator
• ELM99xxx2xC, ELM99xxx3xC)
■
Typical characteristics
・
ELM99xxx2xC, ELM99xxx3xC
2
4
6
8 10 12 14 16 18
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25℃ Top=+85℃
VceH-Vin
Vin (V)
Top=-40℃
2
4
6
8 10 12 14 16 18
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25℃
Top=+85℃
VceL-Vin
Vin (V)
Top=-40℃
-40
-20
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vin=2.2V
Vin=6.0V
VceH-Top
Top (℃)
Vin=18V
-40
-20
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vin=2.2V
Vin=6.0V
VceL-Top
Top (℃)
Vin=18V
2
4
6
8 10 12 14 16 18
0
0.01
0.02
0.03
0.04
0.05
Top=+25℃
Top=+85℃
Istandby-Vin
Vin (V)
Top=-40℃
Vce=Vin for ELM99xxx2xC
Vce=Vssfor ELM99xxx3xC
-40
-20
0
20
40
60
80
0
0.01
0.02
0.03
0.04
0.05
Vin=2.2V
Vin=6.0V
Istandby-Top
Top (℃)
Vin=18V
Vce=Vin for ELM99xxx2xC
Vce=Vss for ELM99xxx3xC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com