Electronic Components Datasheet Search
  English  ▼

X  

ELM620BA Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM620BA
Description  high efficiency synchronous PWM step up DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM620BA Datasheet(HTML) 4 Page - ELM Electronics

  ELM620BA Datasheet HTML 1Page - ELM Electronics ELM620BA Datasheet HTML 2Page - ELM Electronics ELM620BA Datasheet HTML 3Page - ELM Electronics ELM620BA Datasheet HTML 4Page - ELM Electronics ELM620BA Datasheet HTML 5Page - ELM Electronics ELM620BA Datasheet HTML 6Page - ELM Electronics ELM620BA Datasheet HTML 7Page - ELM Electronics ELM620BA Datasheet HTML 8Page - ELM Electronics ELM620BA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev.1.0
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit
Output voltage range (adj.)
Vout
2.5
6.0
V
Minimum start-up voltage
Vst
Iload=1mA
0.9
1.1
V
Minimum operating voltage
Vin
EN=Vin
0.60
0.75
V
Switching frequency
Fsw
1.1
1.4
1.7
MHz
Maximum duty cycle
Dmax Vfb=1.15V
80
87
%
Current limit delay to output
tllimdly
40
ns
Feedback voltage
Vfb
1.165 1.203 1.241
V
Feedback input current
Ifb
Vfb=1.22V
1
nA
NMOS switch leakage
IleakN Vsw=5V
0.1
5.0
µA
PMOS switch leakage
IleakP Vsw=0V
0.1
5.0
µA
NMOS switch ON resistance
RswN Vout=3.3V
0.35
Ω
PMOS switch ON resistance
RswP Vout=3.3V
0.45
Ω
NMOS current limit
IlimN
700
950
mA
Quiescent current (Active)
Iq
Measured on Vout, Non-switching
300
500
µA
Shutdown current
Is
Ven=0V, Including switch leakage
0.1
1.0
µA
EN input high
Venh
1
V
EN input low
Venl
0.35
V
EN input current
Ien
Ven=5.5V
0.01
1.00
µA
■Electrical characteristics
Vin=1.2V, Vout=3.3V, Top=25°C, unless otherwise noted
10 -
■Test circuits
VIN
SW
FB
L=2.2µH
EN
GND
ELM620BA
VOUT
SBD
R2
R1
RL
Vout
Cin=22µF
Vin
Cout=
22µF
ELM620BA 1.4MHz
high efficiency synchronous PWM step up DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com