Electronic Components Datasheet Search
  English  ▼

X  

ELM620BA Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM620BA
Description  high efficiency synchronous PWM step up DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM620BA Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM620BA Datasheet HTML 2Page - ELM Electronics ELM620BA Datasheet HTML 3Page - ELM Electronics ELM620BA Datasheet HTML 4Page - ELM Electronics ELM620BA Datasheet HTML 5Page - ELM Electronics ELM620BA Datasheet HTML 6Page - ELM Electronics ELM620BA Datasheet HTML 7Page - ELM Electronics ELM620BA Datasheet HTML 8Page - ELM Electronics ELM620BA Datasheet HTML 9Page - ELM Electronics ELM620BA Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Rev.1.0
■Marking
a b c d
�
e
SOT-26
a to e : Assembly lot No.
A to Z (I, O, X excepted) and 0 to 9
3) Output and input capacitor selection
Low ESR (equivalent series resistance) capacitors should be used to minimize the output voltage ripple. Mul-
tilayer ceramic capacitors are an excellent choice, as they have extremely low ESR and are available in small
footprints. A 4.7μF to 22μF output capacitor is sufficient for most applications; larger values up to 22μF may be
used to obtain extremely low output voltage ripple and improve transient response. An additional phase lead ca-
pacitor may be required with output capacitors larger than 10μF to maintain acceptable phase margin. X5R and
X7R dielectric materials are preferred for their ability to maintain capacitance over wide voltage and tempera-
ture ranges.
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. It
follows that ceramic capacitors are also a good choice for input decoupling and should be located as closely as
possible to the device. A 10μF input capacitor is sufficient for virtually any application. Larger values may be
used without limitations.
10 -
ELM620BA 1.4MHz
high efficiency synchronous PWM step up DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com