Electronic Components Datasheet Search
  English  ▼

X  

ELM620BA Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM620BA
Description  high efficiency synchronous PWM step up DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM620BA Datasheet(HTML) 5 Page - ELM Electronics

  ELM620BA Datasheet HTML 1Page - ELM Electronics ELM620BA Datasheet HTML 2Page - ELM Electronics ELM620BA Datasheet HTML 3Page - ELM Electronics ELM620BA Datasheet HTML 4Page - ELM Electronics ELM620BA Datasheet HTML 5Page - ELM Electronics ELM620BA Datasheet HTML 6Page - ELM Electronics ELM620BA Datasheet HTML 7Page - ELM Electronics ELM620BA Datasheet HTML 8Page - ELM Electronics ELM620BA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Rev.1.0
■Application notes
3
EN
Vout
Vin
1
2
6
5
4
SW
VIN
GND
FB
EN
VOUT
Figure 1: Recommended component placement for single layer board with optional Schottky diode. Traces car-
rying high current are direct. Trace area at FB pin is small. Lead length to battery is short.
2) Inductor selection
ELM620BA can utilize small surface mount and chip inductors due to its fast 1.4MHz switching frequency.
Typically, a 2.2μH inductor is recommended for most applications; larger values of inductance will allow great-
er output current capability by reducing the inductor ripple current. Increasing the inductance above 10μH will
increase size while providing little improvement in output current capability.
Iout(max) = η × (Ip − Vin×D ) × (1 − D)
2×f×L
where:
η = estimated efficiency
Ip = peak current limit value (0.7A)
Vin = input (battery) voltage
D = steady-state duty ratio = (Vout − Vin) / Vout
f = switching frequency (1.4MHz typical)
L = inductance value
The inductor current ripple is typically set for 20% to 40% of the maximum inductor current (IP). High fre-
quency ferrite core inductor materials reduce frequency dependent power losses compared to cheaper powdered
iron types. The inductor should have low ESR (series resistance of the windings) to reduce the I2R power losses,
and must be able to handle the peak inductor current without saturating. Molded chokes and some chip induc-
tors usually do not have enough core to support the peak inductor currents of 950mA seen on ELM620BA. To
minimize radiated noise, ELM recommends using a toroid, pot core or shielded bobbin inductor. See Table for
some suggested components and suppliers.
Fig-1
1) PCB layout guidelines
The high speed operation of ELM620BA demands careful attention to board layout, and in order to get adver-
tised performance, a well-planned layout is required. Figure-1 is an example which shows the recommended
component placement with optional Schottky diode. A large ground pin copper area will help to lower the chip
temperature. A multilayer board with a separate ground plane is ideal, but not absolutely necessary.
Part
L
Max. DCR
Max. DC current
Size: W × L × H
Vendor
(μH)
(mΩ)
(A)
(mm3)
CDRH3D16
2.2
75
1.2
3.8×3.8×1.8
Sumida
CDH3B16
2.2
70
1.2
4.0×4.0×1.8
Ceaiya
Table : Recommended inductors.
10 -
ELM620BA 1.4MHz
high efficiency synchronous PWM step up DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com