Electronic Components Datasheet Search
  English  ▼

X  

ELM620BA Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM620BA
Description  high efficiency synchronous PWM step up DC/DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM620BA Datasheet(HTML) 1 Page - ELM Electronics

  ELM620BA Datasheet HTML 1Page - ELM Electronics ELM620BA Datasheet HTML 2Page - ELM Electronics ELM620BA Datasheet HTML 3Page - ELM Electronics ELM620BA Datasheet HTML 4Page - ELM Electronics ELM620BA Datasheet HTML 5Page - ELM Electronics ELM620BA Datasheet HTML 6Page - ELM Electronics ELM620BA Datasheet HTML 7Page - ELM Electronics ELM620BA Datasheet HTML 8Page - ELM Electronics ELM620BA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev.1.0
Parameter
Symbol
Limit
Unit
VIN power supply voltage
Vin
-0.3 to +6.0
V
Apply voltage to SW
Vsw
GND-0.3 to Vout+0.3
V
Apply voltage to FB
Vfb
GND-0.3 to Vout+0.3
V
Apply voltage to EN
Ven
GND-0.3 to Vout+0.3
V
Apply voltage to VOUT
Vout
-0.3 to +6.0
V
Power dissipation
Pd
250
mW
Operating temperature range
Top
-30 to +85
°C
Storage temperature range
Tstg
-65 to 125
°C
■General description
■Features
■Maximum absolute ratings
• Cellular phone
• Digital camera
• MP3 player
• Portable machine
• Wireless handset
■Application
10 -
• Current mode control
• Output voltage drop protection
• Thermal shutdown protection and short circuit protection
• Input voltage
: 0.6V to 5.0V
• Output voltage
: 2.5V to 6.0V
• Low current consumption
: Typ.300µA
• Shutdown current
: < 1µA
• Low start-up voltage
: Typ.0.9V
• Low switch on (internal switch) resistance : 0.35Ω
• Constant frequency
: Typ.1.4MHz
• High efficiency
: 96%
• Package
: SOT-26
ELM620BA is synchronous PWM step-up DC/DC converter with high efficiency and 1.4MHz fixed frequency;
by adopting synchronous switch, ELM620BA is able to provide high efficiency without external Schottky diode.
ELM620BA is able to activate within the range from 0.6V to 5V of input voltage and 2.5V to 6V of output one.
For 3V or 3.3V output, ELM620BA can provide current up to 260mA by a single AA cell, or to 600mA by 2
serial-connected AA cells.
With 1.4MHz switching frequency, small coils and capacitors can be adopted; therefore, ELM620BA is possible
to be assembled within small areas on the board .
Caution:Permanent damage to the device may occur when ratings above maximum absolute ones are used.
* Taping direction is one way.
ELM620BA-S
Symbol
a
Package
B: SOT-26
b
Product version
A
c
Taping direction
S: Refer to PKG file
ELM620BA - S
↑ ↑ ↑
a b c
■Selection guide
ELM620BA 1.4MHz
high efficiency synchronous PWM step up DC/DC converter


Similar Part No. - ELM620BA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA-S ELM-TECH-ELM620BA-S Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
More results

Similar Description - ELM620BA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com