Electronic Components Datasheet Search
  English  ▼

X  

SM8577B Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8577B
Description  Real-time Clock IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8577B Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8577B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SM8577B
NIPPON PRECISION CIRCUITS—4
DC Electrical Characteristics
VSS = 0 V, VDD = 5.0 V ± 10%, Ta = −40 to 85 °C unless otherwise noted
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD1
VDD = 5.0 V
CE = VSS
–
1.5
3.0
µA
IDD2
VDD = 3.0 V
–
1.0
2.0
µA
HIGH-level input voltage
VIH
CE, CLK, DATA
0.8VDD
––
V
LOW-level input voltage
VIL
CE, CLK, DATA
–
–
0.2VDD
V
Input resistance
RIN
CE: VIN = 5.0 V
–
–
800
k
Ω
Input OFF leakage current
Ileak
CLK: VIN = VDD or VSS
CE: VIN = VSS
–
–
0.5
µA
HIGH-level output voltage
VOH1
VDD = 5.0 V
DATA, FOUT:
IOH = −1.0 mA
4.5
–
–
V
VOH2
VDD = 3.0 V
2.0
–
–
V
LOW-level output voltage
VOL1
VDD = 5.0 V
DATA, FOUT:
IOL = 1.0 mA
––
VSS + 0.5
V
VOL2
VDD = 3.0 V
–
–
VSS + 0.8
V
Output leakage current
IOZH
DATA, FOUT:VOUT = 5.5 V
−1.0
–
1.0
µA
IOZL
DATA, FOUT:VOUT = 0 V
−1.0
–
1.0
µA
Supply voltage detect threshold
voltage
VDET
1.4
1.7
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com