Electronic Components Datasheet Search
  English  ▼

X  

SM8577B Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8577B
Description  Real-time Clock IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8577B Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8577B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM8577B
NIPPON PRECISION CIRCUITS—5
AC Characteristics
VDD = 5 V ± 10%, VSS = 0 V, Ta = −40 to 85 °C, CL = 50 pF unless otherwise noted
VDD = 3 V ± 10%, VSS = 0 V, Ta = −40 to 85 °C, CL = 50 pF unless otherwise noted
P arameter
Symbol
Condition
Rating
Unit
min
m a x
min
CLK clock period
tCLK
0.75
–
7800
µs
CLK LOW-level pulsewidth
tCLKL
0.375
–
3900
µs
CLK HIGH-level pulsewidth
tCLKH
0.375
–
3900
µs
CE setup time
tCES
0.375
–
3900
µs
CE hold time
tCEH
0.375
–
–
µs
CE enable time
tCE
–
–
0.9
s
Write data setup time
tSD
0.1
–
–
µs
Write data hold time
tHD
0.1
–
–
µs
DATA output delay time
tDATD
–
–
0.2
µs
DATA output floating time
tDZ
See measurement circuit.
–
–
0.1
µs
Clock rise time
tr1
––
50
ns
Clock fall time
tf1
––
50
ns
FOUT rise time
tr2
CL = 30 pF
–
–
100
ns
FOUT fall time
tf2
CL = 30 pF
–
–
100
ns
FOUT duty cycle
Duty
CL = 30 pF, 32 kHz output
40
–
60
%
Wait time
tRCV
0.95
–
–
µs
P arameter
Symbol
Condition
Rating
Unit
min
m a x
min
CLK clock period
tCLK
1.5
–
7800
µs
CLK LOW-level pulsewidth
tCLKL
0.75
–
3900
µs
CLK HIGH-level pulsewidth
tCLKH
0.75
–
3900
µs
CE setup time
tCES
0.75
–
3900
µs
CE hold time
tCEH
0.75
–
–
µs
CE enable time
tCE
–
–
0.9
s
Write data setup time
tSD
0.2
–
–
µs
Write data hold time
tHD
0.1
–
–
µs
DATA output delay time
tDATD
–
–
0.4
µs
DATA output floating time
tDZ
See measurement circuit.
–
–
0.2
µs
Clock rise time
tr1
–
–
100
ns
Clock fall time
tf1
–
–
100
ns
FOUT rise time
tr2
CL = 30 pF
–
–
200
ns
FOUT fall time
tf2
CL = 30 pF
–
–
200
ns
FOUT duty cycle
Duty
CL = 30 pF, 32 kHz output
40
–
60
%
Wait time
tRCV
1.9
–
–
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com