Electronic Components Datasheet Search
  English  ▼

X  

SM8577B Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8577B
Description  Real-time Clock IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8577B Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8577B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SM8577B
NIPPON PRECISION CIRCUITS—9
Data Read
When CE is HIGH, data read mode starts from the
first rising edge of CLK for which DATA is LOW.
Valid data is then output on DATA from the 9th
rising edge of CLK. Time and date data is loaded
into the shift register on the 8th falling edge of CLK
and then output on DATA in sync with the rising
edge of CLK, starting with the seconds’ digit LSB.
Data is loaded and shifted in the sequence second,
minute, hour, week, day, and month. The output data
is valid for the first 60 rising edges of CLK. Output
data does not change after the 60th rising edge, even
if clock input continues.
Within the 60 cycles of valid data output, partial data
output can be obtained by taking CE LOW after the
corresponding number of cycles. For example, if
only the ‘second’ to ‘week’ data output is required,
then that data only is output if CE goes LOW after 36
clock cycles.
For continuous data reads, a wait time (tRCV) is
required before the next data cycle after CE goes
LOW.
Note that if a timer counter update operation (a 1 s
carry) occurs during a data read cycle, the data in the
shift register is not updated and, as a result, the
output data contains an error of
−1 s.
The data read cycle should be completed within
tCE ≤ 0.9 s.
Data Write
CE
CLK
DATA
Control Bits
Year
12
3
58
59
60+n
60
89
10
11
s1
Data Input Mode
s2
s4
y20
y40
y80
Second
Data Output Mode
Don't Care
Output data
not change
CE
CLK
DATA
Control Bits
Year
1
23
58
59
60+n
60
89
10
11
s1
Data Input Mode
s2
s4
y20
y40
y80
Second
Data Input Mode
Don
′t Care



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com