Electronic Components Datasheet Search
  English  ▼

X  

SM8577B Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM8577B
Description  Real-time Clock IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8577B Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8577B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8577B Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SM8577B
NIPPON PRECISION CIRCUITS—8
FUNCTIONAL DESCRIPTION
Timer Data Configuration
Counter data is stored in BCD format. The IC
performs long/short month and leap-year adjustment
automatically. Leap-year adjustment occurs:
• when the decade digit is odd and the year digit
is a 2 or 6, and
• when the decade digit is even and the year digit
is a 0, 4 or 8.
The time display is 24-hour mode. All data is written
and read with the LSB first.
* bits are don’t care write bits.
FDT is the supply voltage detect bit. FDT is set to 1
when the voltage between VDD and VSS falls below
1.7 ± 0.3 V. It is reset to 0 for data reads longer than
56 bits. Note that the FDT bit is not reset to 0 for
data reads of 55 bits or less. The read/write data bits
should initially be set to 0. After the supply voltage is
first applied, the FDT bit should also be set to 0.
FSEL is the FOUT output frequency switch control
bit. 1 Hz output is selected when FSEL is 0, and 32
kHz output is selected when FSEL is 1. After power
is first applied, 1 Hz default mode is selected.
TM is the factory test bit. It should be set to 0 for
normal use.
FDT
s40
s20
s10
s8
s1
s2
s4
∗
mi40
mi20
mi10
mi8
mi1
mi2
mi4
h20
h10
h8
h1
h2
h4
∗
∗
W1
W2
W4
FSEL
d20
d10
d8
d1
d2
d4
∗
∗
∗
mo10
mo8
mo1
mo2
mo4
∗
TM
y80
y40
y20
y10
y8
y1
y2
y4
MSB
LSB
Second ( 0 to 59 )
Minute ( 0 to 59 )
Hour ( 0 to 23 )
Week ( 1 to 7 )
Day ( 1 to 31 )
Month ( 1 to 12 )
Year ( 0 to 99 )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com