Electronic Components Datasheet Search
  English  ▼

X  

SL5021 Datasheet(PDF) 3 Page - AUK corp

Part # SL5021
Description  UNIVERSAL SPEECH NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5021 Datasheet(HTML) 3 Page - AUK corp

  SL5021 Datasheet HTML 1Page - AUK corp SL5021 Datasheet HTML 2Page - AUK corp SL5021 Datasheet HTML 3Page - AUK corp SL5021 Datasheet HTML 4Page - AUK corp SL5021 Datasheet HTML 5Page - AUK corp SL5021 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSI-W010-000
3
PIN Description (continued)
Pin No.
Symbol
Description
8
SRAB
Current stabilizer
9
V
EE
Ground
10
RXI
Rx input
11
DTMF
DTMF signal input
12
MUTE
'H' Mute input
13
V
CC
Internal power supply pin
14
REG
Voltage regulator decoupling
15
AGC
Automation gain control input
16
SLPE
Slope(DC resistance) adjustment
Electrical Characteristics
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ILine = 1mA
ILine = 4mA
-
-
1.6
1.9
-
-
ILine = 15mA
3.55
4
4.25
ILine = 100mA
4.9
5.7
6.5
Line Voltage
V
L
ILine = 140mA
-
-
7.5
V
Variation with
Temperature
△
V
L/△T
ILine = 15mA
-
(-)0.3
-
mV/k
ILine = 15mA
R
VA(REG to SLPE) = 39k
-
4.5
-
V
Voltage drop over
circuit between
V
L & VEE with external
resistor R
AV
R
VA
ILine = 15mA
R
VA(V L to REG) = 68k
-
3.5
-
V
Ip=1.2mA
2.2
2.7
-
Supply Voltage
V
CC
Mute=High
Ip=0mA
-
3.4
-
V
Between MIC- & MIC+
-
64
-
MIC input impedance
Zi(mic)
MIC- or MIC+ to V-
-
32
-
kΩ
Common mode
Rejection Ratio
CMRR(T
X)
-
-
82
-
dB
TX Gain
Gv(T
X)
R7=68K, Vin=3mVrms
50.5
52
53.5
dB
TX Gain frequency
Response
△
G
TXF
f=300 ~ 3400Hz
-
± 0.2
-
dB
DTMF input impedance
Z
I(MF)
-
-
20.7
-
kΩ
SL5021/P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com