Electronic Components Datasheet Search
  English  ▼

X  

SL5021 Datasheet(PDF) 5 Page - AUK corp

Part # SL5021
Description  UNIVERSAL SPEECH NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5021 Datasheet(HTML) 5 Page - AUK corp

  SL5021 Datasheet HTML 1Page - AUK corp SL5021 Datasheet HTML 2Page - AUK corp SL5021 Datasheet HTML 3Page - AUK corp SL5021 Datasheet HTML 4Page - AUK corp SL5021 Datasheet HTML 5Page - AUK corp SL5021 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KSI-W010-000
5
Test Circuit
Application Circuit
SL5021/P
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SLPE
AGC
REG
Vcc
MUTE
DTMF
IR
VEE
STAB
MIC+
MIC-
GAR
QR
GAS2
GAS1
LN
SL5021
RVA(down)
10U
C7
1n
Vo
C2
100u
R5
3.6K
C3
4.7u
R6
68K
C4
100p
R4
100K
C10
10u
R7
Vi
Rno
200
C9
10u
R1
620
ILine
10~140mA
C5
10U
Vi
Vi
RVA(up)
C5
ZL
C8
1n
25K
C6
100p
R9
20
600
R10
13
telephone
line
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SLPE
AGC
REG
Vcc
MUTE
DTMF
IR
VEE
STAB
MIC+
MIC-
GAR
QR
GAS2
GAS1
LN
SL5021
R5
3.6K
C3
4.7u
R6
C4
100p
R4
100K
R1
620
100U
C5
C8
1n
C6
100p
from dial and
control circuits
100U
C5
R7
68K
R2
130K
R3
3.92K
R8
390
Zbol
C2
SL5021
SL5021P
SL5021
SL5021P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com