Electronic Components Datasheet Search
  English  ▼

X  

SL5021 Datasheet(PDF) 6 Page - AUK corp

Part # SL5021
Description  UNIVERSAL SPEECH NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5021 Datasheet(HTML) 6 Page - AUK corp

  SL5021 Datasheet HTML 1Page - AUK corp SL5021 Datasheet HTML 2Page - AUK corp SL5021 Datasheet HTML 3Page - AUK corp SL5021 Datasheet HTML 4Page - AUK corp SL5021 Datasheet HTML 5Page - AUK corp SL5021 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KSI-W010-000
6
Typical Performance Characteristics
10
140
130
120
110
10
90
80
70
60
50
40
30
20
54
52
50
48
46
44
42
40
LINE CURRENT ( mA )
TRANSMIT GAIN VS LINE CURRENT
R6 = OPEN
R6 = 140K
R6 = 110K
R6 = 78K
10
140
130
120
110
10
90
80
70
60
50
40
30
20
34
32
30
28
26
24
22
20
LINE CURRENT ( mA )
RECEIVE GAIN VS LINE CURRENT
R6 = OPEN
R6 = 140K
R6 = 110K
R6 = 78K
10
140
130
120
110
10
90
80
70
60
50
40
30
20
7
6
5
4
3
2
1
0
LINE CURRENT ( mA )
V LN. Vcc VS LINE CURRENT
V LN
Vcc
SL5021/P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com