Electronic Components Datasheet Search
  English  ▼

X  

SL5021 Datasheet(PDF) 4 Page - AUK corp

Part # SL5021
Description  UNIVERSAL SPEECH NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5021 Datasheet(HTML) 4 Page - AUK corp

  SL5021 Datasheet HTML 1Page - AUK corp SL5021 Datasheet HTML 2Page - AUK corp SL5021 Datasheet HTML 3Page - AUK corp SL5021 Datasheet HTML 4Page - AUK corp SL5021 Datasheet HTML 5Page - AUK corp SL5021 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSI-W010-000
4
Electrical Characteristics
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
DTMF Gain
G
V(MF)
R7=68k, DTMF mode
24
25.5
27
dB
DTMF Gain Response
△
G
MF
R7=68k f=300~3400Hz
-
± 0.2
± 5
dB
TX Gain Adjustment
△
Gvad(T
X)
R7 = 68k
→25k
(-)12
(-)8
(-)7
dB
IL=4mA
-
0.8
-
TX Dynamic output
Voltage
To(T
X)
THD=10%
IL=15mA
1.7
2.3
-
Vrms
TX noise output
Voltage
Vno(T
X)
R7=68k Between
pin6 & pin7=200 Ω
-
(-)69
-
dBm
RX input impedance
Zi(R
X)
-
-
21
-
kΩ
RX output impedance
Zo(R
X)
-
-
4
-
kΩ
RX Gain
Gv(R
X)
R4=100k, RL=300 Ω
29.5
31
32.5
dB
RX Gain Frequency
Response
△
G
TXF
f=300 ~ 3400Hz
-
± 0.2
-
dB
RL=150 Ω
0.22
0.33
-
RX Dynamic output
voltage
Vo(
RX)
THD=2%
R4=100k
RL=450 Ω
0.3
0.48
-
V
RX noise output
voltage
Vno(
RX)
RL=300
R4=100K
IL= 15mA, Rxi=open
-
50
-
µV
RX Gain adjustment
△
Gv.adj(R
X) R4=100k → 28K
(-)13
(-)11
(-)9
dB
V
IH(Mute)
-
1.5
-
Vcc
Mute input voltage
V
IL(Mute)
-
-
-
0.3
V
Mute input current
I
Mute
-
-
8
15
µA
Mute Attenuation
Matt(TX)
MIC+ or MIC- to V
L
(CCIT weighted)
-
70
-
dB
DTMF Gain
Gv(DTMF)
voltage gain from
DTMF to Rxo
-
70
-
dB
TX Gain variation
range By AGC
△
G
TXA
R6 = 110k
IL=15mA ~ 70mA
-
(-)5.8
-
dB
RX Gain variation
range By AGC
△
G
RXA
R6=110k
IL=15mA ~ 70mA
-
(-)5.5
-
dB
Highest line current
For maximum gain
I
HL(AGC)
R6=110k
17
23
26
mA
Lowest line current
For minimum gain
I
LL(AGC)
R6=110k
54
61
73
mA
SL5021/P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com