Electronic Components Datasheet Search
  English  ▼

X  

SM8702AM Datasheet(PDF) 15 Page - Nippon Precision Circuits Inc

Part # SM8702AM
Description  Clock Generator IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8702AM Datasheet(HTML) 15 Page - Nippon Precision Circuits Inc

Back Button SM8702AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8702AM Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SM8702AM
NIPPON PRECISION CIRCUITS—15
I2C Bus Data Bytes
Byte 0: function and frequency select
Byte 1: CPU register
Byte 2: PCI register
Bit
Function
P o w e r-ON
default
Notes
7
0: Spread spectrum ± 1.5% modulation
1: Spread spectrum ± 0.5% modulation
0
The spread spectrum accuracy of modulation is not
guaranteed.
6:4
Frequency select bits
1
The pow er-ON default for bits 4 to 6 is 1.
When bit 3 is set to 1 (I2C select), bits 4 to 6 select
the frequency in the same write cycle timing.
3
0: Hardware frequency select using FS[0:2]
1: I2C bus serial data frequency select
0
FS[0:2] are latch inputs
2
0: Spread spectrum center spread select
1: Spread spectru m d own spread select
0
1
0: Nor mal operating mode (SSCG disabled)
1: Spread spectrum operating mode (SSCG enabled)
0
0
0: Nor mal output mode (running)
1: Three-state output mode
0
All outputs are high impedance when bit 0 is set to 1.
Bit 6
Bit 5
Bit 4
CPUCLK
[MHz]
PCICLK
[MHz]
1
1
1
100.2
33.4
1
1
0
1 3 3
33.2
1
0
1
112.1
37.3
1
0
0
1 0 3
34.3
0
1
1
66.5
33.2
0
1
0
83.3
41.6
0
0
1
74.9
37.4
0
0
0
94.7
31.6
Bit
Pin
n umber
P o w e r-ON
default1
1. 1 = enabled, 0 = disabled
Notes
7
2 6
1
48MHz USB
6
2 5
1
24MHz (Super I/O)
5
–
1
(Reser ved)
4
–
1
(Reser ved)
3
–
1
(Reser ved)
2
–
1
(Reser ved)
1
4 3
1
CPUCLK1 enab le
0
4 4
1
CPUCLK0 enab le
Bit
Pin
n umber
P o w e r-ON
default1
1. 1 = enabled, 0 = disabled
Notes
7
–
1
(Reser ved)
6
7
1
PCICLK_F enable
5
–
1
(Reser ved)
4
1 4
1
PCICLK4 enable
3
1 2
1
PCICLK3 enable
2
1 1
1
PCICLK2 enable
1
1 0
1
PCICLK1 enable
0
8
1
PCICLK0 enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com