Electronic Components Datasheet Search
  English  ▼

X  

TF262TH Datasheet(PDF) 1 Page - ON Semiconductor

Part # TF262TH
Description  N-Channel JFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF262TH Datasheet(HTML) 1 Page - ON Semiconductor

  TF262TH Datasheet HTML 1Page - ON Semiconductor TF262TH Datasheet HTML 2Page - ON Semiconductor TF262TH Datasheet HTML 3Page - ON Semiconductor TF262TH Datasheet HTML 4Page - ON Semiconductor TF262TH Datasheet HTML 5Page - ON Semiconductor TF262TH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.onsemi.com
©Semiconductor Components Industries, LLC, 2015
March 2015 - Rev. 1
TF262TH
N-Channel JFET
–20V, 140 to 350µA, 0.95mS
Publication Order Number:
TF262TH/D
1
Features
•
Low Output Noise Voltage : VNO= --112dB typ. (VCC=2V, RL=2.2kΩ, Cin=5pF)
•
Ultrasmall Package Facilitates Miniaturization in End Products : 1.4mm × 1.2mm × 0.34mm
•
Especially Suited for use in electret condenser microphone for audio equipments and telephones
•
Adoption of FBET process
•
Halogen Free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate to Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Packing Type : TL
Electrical Connection
Marking
TL
1
2
3
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
TF262TH-4-TL-H
TF262TH-5-TL-H
1 : Drain
2 : Source
3 : Gate
SOT-623 / VTFP
ORDERING INFORMATION
See detailed ordering and shipping information on page 6 of this data sheet.
L
R
A
N
K
3
1
2


Similar Part No. - TF262TH

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
TF26 SHOULDER-TF26 Datasheet
181Kb / 2P
CRYSTAL RESONATOR
More results

Similar Description - TF262TH

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com