Electronic Components Datasheet Search
  English  ▼

X  

TF262TH Datasheet(PDF) 4 Page - ON Semiconductor

Part # TF262TH
Description  N-Channel JFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF262TH Datasheet(HTML) 4 Page - ON Semiconductor

  TF262TH Datasheet HTML 1Page - ON Semiconductor TF262TH Datasheet HTML 2Page - ON Semiconductor TF262TH Datasheet HTML 3Page - ON Semiconductor TF262TH Datasheet HTML 4Page - ON Semiconductor TF262TH Datasheet HTML 5Page - ON Semiconductor TF262TH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TF262TH
www.onsemi.com
4
DrainCurrent,IDSS -- µA
THD -- VIN
Input Voltage, VIN -- mV
PD -- Ta
AmbientTemperature, Ta --
°C
DGVV -- IDSS
DrainCurrent,IDSS -- µA
0
IT16237
0.4
0.6
0.8
0.2
1.0
THD : VCC=2V
VIN=30mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
10
1.0
7
5
3
2
7
5
3
2
0.1
050
100
150
200
IT16236
--2.5
--2.0
--1.5
--1.0
--0.5
0
DGVV : VCC=2V→1.5V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
THD : VCC=2V
f=1kHz
RL=2.2kΩ
Cin=5pF
100
200
300
400
150
250
350
100
200
300
400
150
250
350
IT16235
IDSS
=150µ
A
250µ
A
350µ
A
80
100
120
40
20
60
0
0
160
140
120
100
80
60
40
20
IT16238
THD -- IDSS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com