Electronic Components Datasheet Search
  English  ▼

X  

TF262TH Datasheet(PDF) 2 Page - ON Semiconductor

Part # TF262TH
Description  N-Channel JFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF262TH Datasheet(HTML) 2 Page - ON Semiconductor

  TF262TH Datasheet HTML 1Page - ON Semiconductor TF262TH Datasheet HTML 2Page - ON Semiconductor TF262TH Datasheet HTML 3Page - ON Semiconductor TF262TH Datasheet HTML 4Page - ON Semiconductor TF262TH Datasheet HTML 5Page - ON Semiconductor TF262TH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TF262TH
www.onsemi.com
2
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Gate to Drain Breakdown Voltage
V(BR)GDO
IG=--100µA
--20
V
Cutoff Voltage
VGS(off)
VDS=2V, ID=1µA
--0.2
--0.5
--1.0
V
Drain Current
IDSS
VDS=2V, VGS=0V
140*
350*
µA
Forward Transfer Admittance
| yfs |
VDS=2V, VGS=0V, f=1kHz
0.5
0.95
mS
Input Capacitance
Ciss
VDS=2V, VGS=0V, f=1MHz
3.5
pF
Reverse Transfer Capacitance
Crss
VDS=2V, VGS=0V, f=1MHz
0.65
pF
[Ta=25°C, VCC=2.0V, RL=2.2kΩ, Cin=5pF, See specified Test Circuit.]
Voltage Gain
GV
VIN=10mV, f=1kHz
--1.5
dB
Reduced Voltage Characteristic
DGVV
VIN=10mV, f=1kHz, VCC=2.0V → 1.5V
--0.8
--2.0
dB
Frequency Characteristic
DGvf
f=1kHz to 110Hz
--1.0
dB
Total Harmonic Distortion
THD
VIN=30mV, f=1kHz
0.5
%
Output Noise Voltage
VNO
VIN=0V, A Curve
--112
dB
*:TheTF262THisclassifiedbyIDSS as follows : (unit : µA)
Marking
L4
L5
Rank
4
5
IDSS
140 to 240
210 to 350
Test Circuit
OSC
5pF
+33
µ
F
2.2kΩ
VCC=2.0V
VCC=1.5V
V
Voltage gain
Frequency Characteristic
Distortion
Reduced Voltage Characteristic
VTVM
THD
ID -- VDS
Drain to Source Voltage, VDS -- V
ID -- VGS
Gate to Source Voltage, VGS -- V
04
5
12
3
300
200
250
100
50
150
350
250
50
150
0
IT16225
--0.1V
--0.2V
--0.3V
--0.4V
--0.8
--0.6
--0.4
--0.2
--0.1
0
--0.7
--0.5
--0.3
400
300
200
100
0
VGS=0V
IT16226
VDS=2V
150
µA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com