Electronic Components Datasheet Search
  English  ▼

X  

TF262TH Datasheet(PDF) 3 Page - ON Semiconductor

Part # TF262TH
Description  N-Channel JFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF262TH Datasheet(HTML) 3 Page - ON Semiconductor

  TF262TH Datasheet HTML 1Page - ON Semiconductor TF262TH Datasheet HTML 2Page - ON Semiconductor TF262TH Datasheet HTML 3Page - ON Semiconductor TF262TH Datasheet HTML 4Page - ON Semiconductor TF262TH Datasheet HTML 5Page - ON Semiconductor TF262TH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TF262TH
www.onsemi.com
3
VGS(off) -- IDSS
| yfs | -- IDSS
Ciss -- VDS
Crss -- VDS
DrainCurrent,IDSS -- µA
DrainCurrent,IDSS -- µA
Drain to Source Voltage, VDS -- V
Drain to Source Voltage, VDS -- V
ID -- VGS
Gate to Source Voltage, VGS -- V
GV -- IDSS
DrainCurrent,IDSS -- µA
GV -- Cin
Electret Capacitance, Cin -- pF
GV -- VCC
Supply Voltage, VCC -- V
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VDS=2V
ID=1µA
0.6
1.0
0.9
0.8
0.7
1.1
1.2
100
200
300
350
400
150
250
IT16228
100
200
300
400
150
250
350
--3.5
--2.5
--1.5
--2.0
--1.0
--3.0
--0.5
100
200
300
400
150
250
350
IT16229
IT16230
VDS=2V
VGS=0V
f=1kHz
10
7
5
3
2
1.0
1.0
0.1
10
23
23
57
57
VGS=0V
f=1MHz
1.0
0.1
10
7
5
3
2
7
5
3
2
1.0
0.1
10
2
23
57
35
7
IT16231
VGS=0V
f=1MHz
VDS=2V
Ta=7
5°
C
25
°C
--25
°C
IT16232
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
400
350
250
50
150
--0.7
--0.5
--0.6
--0.4
--0.3
--0.2
--0.1
0
300
200
100
0
IT16227
0
123
46
5
--10
--8
--6
--4
--2
0
2
IT16233
IT16234
GV : VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS=350
µA
250µA
150µA
02
46
816
12
14
10
--14
--10
--12
--8
--6
0
--4
--2
2
4
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
IDSS
=350µ
A
250µA
150µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com