Electronic Components Datasheet Search
  English  ▼

X  

SM8750AV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8750AV
Description  Data Jitter Measurement IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8750AV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8750AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SM8750AV
NIPPON PRECISION CIRCUITS—4
Phase Difference to Voltage Converter Characteristics
VDD = 5V ± 5%, GND = 0V, Ta = 0 to 70°C
Auto-adjust Characteristics
VDD = 5V ± 5%, GND = 0V, Ta = 0 to 70°C
P arameter
Condition
Rating
Unit
min
typ
m a x
RDCLK input frequency
FCG = LOW
–
58.38
7 0
MHz
FCG = HIGH
–
29.19
3 5
Phase difference to voltage converter
coefficient 1
N o r mal operation, FCG = L O W
5 0
7 5
1 0 0
mV/ns
Phase difference to voltage converter
coefficient 2
C o n ver ter coefficient measurement mode,
FCG = L O W
2 5
37.5
5 0
mV/ns
N o r mal operation, FCG = HIGH
2 5
37.5
5 0
Phase difference to voltage converter
coefficient 3
C o n ver ter coefficient measurement mode,
FCG = HIGH
12.5
18.75
2 5
mV/ns
C o n ver ter coefficient relative accuracy
See note.1
1. {[(conver ter coefficient 2)
× 2 / (converter coefficient 1)] − 1} × 100
––
±5
%
C o n ver ter coefficient relative accuracy
See note.2
2. {[(conver ter coefficient 3)
× 2 / (converter coefficient 2)] − 1} × 100
––
±5
%
Output offset voltage
After VREF2 reference calibration
–
–
±25
m V
C o n ver ter voltage settling time
Time from measurement object DATA
edge to final set value ± 0.5%
–
–
0.75
µ s
C o n ver ter voltage reset time
Time from STA R T signal rising edge to
final reset value ± 1mV
––3
µ s
Output load regulation
IL = 0.5mA
–
–
2 0
m V
HIGH-level output voltage range
LIMIT pin voltage reference
+0.15
–
+0.45
V
L O W -level output voltage range
0.8
–
–
V
Output voltage droop
–
–
1
mV/µs
S TA R T-DATA setup time3
3. T = RDCLK cycle time
S TA R T signal rising edge to DATA signal
edge
1T
–
–
ns
P arameter
Condition
Rating
Unit
min
typ
m a x
Maxim um DATA edge delay adjust range
–
2 9
–
ns
Minimu m DATA edge delay adjust range
–
12.5
–
ns
Maxim u m RDCLK pulsewidth adjust range
FCG = LOW
–1 5–
ns
Minimum RDCLK pulsewidth adjust range
–
3
–
ns
Maxim u m RDCLK pulsewidth adjust range
FCG = HIGH
–2 8–
ns
Minimum RDCLK pulsewidth adjust range
–
4
–
ns
A uto-adjustment time
After CS = HIGH, until settling
–
5
8
m s
RCP voltage
C o n ver ter coefficients set
–
1
–
V
HIGH-level RDATAR/RDATAF voltage
Minimu m DATA delay
–
1.92
–
V
L O W -level RDATAR/RDATAF voltage
Maxim um DATA delay
–
0.69
–
V
HIGH-level RDUTY voltage
Minimum RDCLK pulsewidth
–
1.88
–
V
L O W -level RDUTY voltage
Maxim u m RDCLK pulsewidth
–
0.24
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com