Electronic Components Datasheet Search
  English  ▼

X  

SM8750AV Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8750AV
Description  Data Jitter Measurement IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8750AV Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8750AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM8750AV
NIPPON PRECISION CIRCUITS—5
Serial Interface Characteristics
P arameter
Symbol
Rating
Unit
min
typ
m a x
SCLK pulse cycle time
tcySCK
100
–
–
ns
SCLK HIGH-level pulsewidth
twhSCK
40
–
–
ns
SCLK LOW -level pulsewidth
twlSCK
40
–
–
ns
SENB setup time
tsSEN
20
–
–
ns
SENB hold time
thSEN
40
–
–
ns
S D ATA setup time
tsSDA
15
–
–
ns
S D ATA hold time
thSDA
15
–
–
ns
A CK setup time1
1. S D ATA output signal (ACK) ack n owledge output (N-channel open drain), receive data is valid, LOW -level output, 15pF SDATA load capacitance.
tsAC K
0–
2 0
ns
A CK hold time1
thAC K
––
5 0
ns
SENB inter val
tinSEN
100
–
–
ns
tsSDA
SENB
SDATA
thSDA
tcySCK
tsSEN
twhSCK
twlSCK
SCLOCK
bit0
bit1
bit15
LSB
MSB
Controller
SDATA port
tsACK
ACK
thACK
thSEN
tinSEN
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com