Electronic Components Datasheet Search
  English  ▼

X  

SM8750AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8750AV
Description  Data Jitter Measurement IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8750AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8750AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SM8750AV
NIPPON PRECISION CIRCUITS—6
FUNCTIONAL DESCRIPTION
Serial Interface
The SM8750AV has a dedicated serial interface port
over which data can be written and the various oper-
ating modes can be controlled. The port address and
bit configuration are shown in table 1, and the data
bits are described in table 2.
×: Don’t care.
Serial data comprising 16 bits is input with the LSB
first. Valid data is read in on the 16th rising edge of
the SCLK input. On the next SCLK falling edge, the
SDATA N-channel open drain is turned ON and
SDATA goes LOW, performing the function of an
acknowledge signal.
If 15 or less SCLK rising edge pulses occur during
the interval when SENB is HIGH, the data received
up to the point when SENB goes LOW is ignored
and the internal port data is not updated. If 17 or
more SCLK rising edge pulses occur, the received
data is latched in the internal port on the 16th rising
edge and the acknowledge signal is output on the
next falling edge. The acknowledge signal is held
constant until SENB goes LOW again.
Table 1. Port address and bit configuration
Bit number
15
(msb)
1 4
1 3
1 2
1 1
1 0
987654321
0
(lsb)
Data
Address
TEST1 TEST0 CSDIS
C S
S P
POLAR GMES
F C G
×
L O W
HIGH
HIGH
HIGH
HIGH
HIGH
×
Table 2. Data bit description
Bit
Description
Default
TEST[1:0]
Test mode setting
L O W:LO W
(normal operation)
CSDIS
A uto-adjust disable
L O W
(enabled)
C S
A uto-adjust start
L O W
(wait)
S P
Sleep mode settings
L O W
(normal operation)
POLAR
D ATA edge settings for phase measurement
P olarity setting for conver ter coefficient measurement
LO W
(falling edge)
(1T discharge)
GMES
C o n ver ter coefficient measurement mode setting
L O W
(normal operation)
FCG
RDCLK pulsewidth auto-adjust mode
Phase difference to voltage converter coefficient switching
LO W
(minimum pulsewidth)
(maximum conver ter coefficient)
Table 3. GMES and POLAR operating modes
GMES
POLAR
Operating mode
L O W
L O W
D ATA signal falling edge and RDCLK rising edge phase difference conversion
L O W
HIGH
DATA signal rising edge and RDCLK r ising edge phase difference conversion
HIGH
L O W
Output conver ter voltage for phase difference equivalent to
−0.5T
HIGH
HIGH
Output conver ter voltage for phase difference equivalent to +0.5T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com