Electronic Components Datasheet Search
  English  ▼

X  

SM8750AV Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8750AV
Description  Data Jitter Measurement IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8750AV Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8750AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8750AV Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SM8750AV
NIPPON PRECISION CIRCUITS—7
Phase Difference to Voltage Converter
The phase difference to voltage converter circuit
takes the converts the phase difference between the
RDCLK rising edge and the DATA signal to a volt-
age. When START goes LOW, the phase difference
between the first active DATA signal edge, where the
active edge polarity is determined by the serial inter-
face bit POLAR, and the next RDCLK rising edge is
converted to a voltage signal. The converted voltage
signal is output on TVOUT while START is LOW,
and is reset to the VREF2 reference level when
START goes HIGH again.
The START signal must go LOW for a minimum
interval of 1 RDCLK cycle before any DATA signal
edge to be converted, regardless of the number of
DATA signal edges. If the START interval is shorter
than 1 cycle, there is a possibility that the next edge
might be misinterpreted as the conversion object.
Figure 1. Converter operation timing (POLAR = LOW, DATA leading phase)
Figure 2. Converter operation timing (POLAR = LOW, DATA lagging phase)
RDCLK
START
Phase difference
START
−DATA set up time
Reset
VREF2
VREF2
Conversion voltage
DATA
Internal charge signal
Internal discharge signal
TVOUT output
RDCLK
START
Phase difference
START
−DATA set up time
Reset
VREF2
VREF2
Conversion voltage
DATA
Internal charge signal
Internal discharge signal
TVOUT output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com