Electronic Components Datasheet Search
  English  ▼

X  

FS7140 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 5 Page - ON Semiconductor

  FS7140 Datasheet HTML 1Page - ON Semiconductor FS7140 Datasheet HTML 2Page - ON Semiconductor FS7140 Datasheet HTML 3Page - ON Semiconductor FS7140 Datasheet HTML 4Page - ON Semiconductor FS7140 Datasheet HTML 5Page - ON Semiconductor FS7140 Datasheet HTML 6Page - ON Semiconductor FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FS7140, FS7145
http://onsemi.com
5
Table 4. DC ELECTRICAL SPECIFICATIONS (Note 1)
Parameter
Units
Max
Typ
Min
Conditions/Description
Symbol
CLOCK OUTPUTS, CMOS MODE (CLKN, CLKP)
Low−level output sink current
IOL
VO = 0.4 V
−35
mA
CLOCK OUTPUTS, PECL MODE (CLKN, CLKP)
IPRG bias voltage
VIPRG
VIPRG will be clamped to this level
when a resistor is connected from
VDD to IPRG
VDD/3
V
IPRG bias current
IIPRG
IIPRG − (VVDD − VIPRG) / RSET
3.5
mA
Sink current to IPRG current ratio
13
Tristate output current
IZ
−10
10
mA
1. Unless otherwise stated, VDD = 3.3 V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted
with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits. MIN and MAX characteriza-
tion data are ± 3s from typical. Negative currents indicate flows out of the device.
Table 5. AC TIMING SPECIFICATIONS (Note 2)
Parameter
Symbol
Conditions/Description
Min
Typ
Max
Units
OVERALL
Output frequency*
fo(max)
CMOS outputs
0
150
MHz
PECL outputs
0
300
VCO frequency*
fVCO
40
400
MHz
CMOS mode rise time*
tr
CL = 7 pF
1
ns
CMOS mode fall time*
tf
CL = 7 pF
1
ns
PECL mode rise time*
tr
CL = 7 pF; RL = 65 ohm
1
ns
PECL mode fall time*
tf
CL = 7 pF; RL = 65 ohm
1
ns
REFERENCE FREQUENCY INPUT (REF)
Input frequency
FREF
80
MHz
Reference high time
tREHF
3
ns
Reference low time
tREFL
3
ns
SYNC CONTROL INPUT (SYNC)
Sync high time
tSYNCH
For orderly CLK stop/start
3
TCLK
Sync low time
tSYNCL
For orderly CLK stop/start
3
CLOCK OUTPUT (CLKN, CLKP)
Duty cycle (CMOS mode)*
Measured at 1.4 V
50
%
Duty cycle (PECL mode)*
Measured at zero crossings of
(VCLKP − VCLKN)
50
%
Jitter, long term (sy(t))*
tj(LT)
For valid programming solutions. Long-term (or cumulative) jitter specified is
RMS position error of any edge compared with an ideal clock generated from
the same reference frequency. It is measured with a time interval analyzer us-
ing a 500 microsecond window, using statistics gathered over 1000 samples.
ps
FREF/NREF > 1000 kHz
25
ps
FREF/NREF ^ 500 kHz
50
ps
FREF/NREF ^ 250 kHz
100
ps
FREF/NREF ^ 125 kHz
190
ps
FREF/NREF ^ 62.5 kHz
240
ps
FREF/NREF ^ 31.5 kHz
300
ps
Jitter, period (peak−peak)*
tj(DP)
40 MHz < VCO frequency < 100 MHz
75
ps
VCO frequency > 100 MHz
50
ps
2. Unless otherwise stated, VDD = 3.3 V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted
with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits. MIN and MAX characterization
data are ± 3s from typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com