Electronic Components Datasheet Search
  English  ▼

X  

FS7140 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 1 Page - ON Semiconductor

  FS7140 Datasheet HTML 1Page - ON Semiconductor FS7140 Datasheet HTML 2Page - ON Semiconductor FS7140 Datasheet HTML 3Page - ON Semiconductor FS7140 Datasheet HTML 4Page - ON Semiconductor FS7140 Datasheet HTML 5Page - ON Semiconductor FS7140 Datasheet HTML 6Page - ON Semiconductor FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 7
1
Publication Order Number:
FS7140/D
FS7140, FS7145
Programmable Phase-
Locked Loop Clock
Generator
Description
The FS7140 or FS7145 is a monolithic CMOS clock generator/
regenerator IC designed to minimize cost and component count in a
variety of electronic systems. Via the I2C−bus interface, the
FS7140/45 can be adapted to many clock generation requirements.
The length of the reference and feedback dividers, their fine
granularity and the flexibility of the post divider make the FS7140/45
the most flexible stand−alone PLL clock generator available.
Features
• Extremely Flexible and Low−jitter Phase Locked Loop (PLL)
Frequency Synthesis
• No External Loop Filter Components Needed
• 150 MHz CMOS or 340 MHz PECL Outputs
• Completely Configurable via I2C−bus
• Up to Four FS714x can be Used on a Single I2C−bus
• 3.3 V Operation
• Independent On−chip Crystal Oscillator and External Reference
Input
• Very Low “Cumulative” Jitter
• Pb−Free Packages are Available
Applications
• Precision Frequency Synthesis
• Low−frequency Clock Multiplication
• Video Line−locked Clock Generation
• Laser Beam Printers (FS7145)
http://onsemi.com
SOIC−16
01 SUFFIX
CASE 751BA
(Top View)
1
CLKN
CLKP
VDD
SCL
SDA
ADDR0
VSS
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
SSOP−16
02 SUFFIX
CASE 565AE
*
REF
VSS
N/C
IPRG
XIN
XOUT
ADDR1
VDD
* FS7140 pin 13 = N/C
* FS7145 pin 13 = SYNC


Similar Part No. - FS7140

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
FS7140-01G AMI-FS7140-01G Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com