Electronic Components Datasheet Search
  English  ▼

X  

FS7140 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FS7140 Datasheet HTML 5Page - ON Semiconductor FS7140 Datasheet HTML 6Page - ON Semiconductor FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor FS7140 Datasheet HTML 10Page - ON Semiconductor FS7140 Datasheet HTML 11Page - ON Semiconductor FS7140 Datasheet HTML 12Page - ON Semiconductor FS7140 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FS7140, FS7145
http://onsemi.com
9
If either a STOP or a repeated START condition occurs
during a register write, the data that has been transferred is
ignored.
Random Register Read Procedure
Random read operations allow the master to directly read
from any register. To perform a read procedure, the R/W bit
that is transmitted after the seven−bit address is a logic−low,
as in the register write procedure. This indicates to the
addressed slave device that a register address will follow
after the slave device acknowledges its device address. The
register address is then written into the slave’s address
pointer.
Following an acknowledge by the slave, the master
generates a repeated START condition. The repeated
START terminates the write procedure, but not until after the
slave’s address pointer is set. The slave address is then
resent, with the R/W bit set this time to a logic−high,
indicating to the slave that data will be read. The slave will
acknowledge the device address, and then transmits the
eight−bit word. The master does not acknowledge the
transfer but does generate a STOP condition.
Sequential Register Write Procedure
Sequential write operations allow the master to write to
each register in order. The register pointer is automatically
incremented after each write. This procedure is more
efficient than the random register write if several registers
must be written.
To initiate a write procedure, the R/W bit that is
transmitted after the seven−bit device address is a logic−low.
This indicates to the addressed slave device that a register
address will follow after the slave device acknowledges its
device address. The register address is written into the
slave’s address pointer. Following an acknowledge by the
slave, the master is allowed to write up to eight bytes of data
into the addressed register before the register address pointer
overflows back to the beginning address.
An acknowledge by the device between each byte of data
must occur before the next data byte is sent.
Registers are updated every time the device sends an
acknowledge to the host. The register update does not wait
for the STOP condition to occur. Registers are therefore
updated at different times during a sequential register write.
Sequential Register Read Procedure
Sequential read operations allow the master to read from
each register in order. The register pointer is automatically
incremented by one after each read. This procedure is more
efficient than the random register read if several registers
must be read.
To perform a read procedure, the R/W bit that is
transmitted after the seven−bit address is a logic−low, as in
the register write procedure. This indicates to the addressed
slave device that a register address will follow after the slave
device acknowledges its device address. The register
address is then written into the slave’s address pointer.
Following an acknowledge by the slave, the master
generates a repeated START condition. The repeated
START terminates the write procedure, but not until after the
slave’s address pointer is set. The slave address is then
resent, with the R/W bit set this time to a logic−high,
indicating to the slave that data will be read. The slave will
acknowledge the device address, and then transmits all eight
bytes of data starting with the initial addressed register. The
register address pointer will overflow if the initial register
address is larger than zero. After the last byte of data, the
master does not acknowledge the transfer but does generate
a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com