Electronic Components Datasheet Search
  English  ▼

X  

R3710 Datasheet(PDF) 5 Page - ON Semiconductor

Part # R3710
Description  Preconfigured DSP System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R3710 Datasheet(HTML) 5 Page - ON Semiconductor

  R3710 Datasheet HTML 1Page - ON Semiconductor R3710 Datasheet HTML 2Page - ON Semiconductor R3710 Datasheet HTML 3Page - ON Semiconductor R3710 Datasheet HTML 4Page - ON Semiconductor R3710 Datasheet HTML 5Page - ON Semiconductor R3710 Datasheet HTML 6Page - ON Semiconductor R3710 Datasheet HTML 7Page - ON Semiconductor R3710 Datasheet HTML 8Page - ON Semiconductor R3710 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
RHYTHM R3710
www.onsemi.com
5
Table 3. I2C TIMING
Parameter
Symbol
Standard Mode
Fast Mode
Units
Min
Max
Min
Max
Clock Frequency
fPC_CLK
0
100
0
400
kHz
Hold time (repeated) START condition. After this
period, the first clock pulse is generated.
tHD;STA
4.0
−
0.6
−
msec
LOW Period of the PC_CLK Clock
tLOW
4.7
−
−
−
msec
HIGH Period of the PC_CLK Clock
tHIGH
4.0
−
−
−
msec
Set−up time for a repeated START condition
tSU;STA
4.7
−
−
−
msec
Data Hold Time:
for CBUS Compatible Masters
for I2C−bus Devices
tHD;DAT
5.0
0 (Note 1)
−
3.45 (Note 2)
−
0 (Note 1)
−
0.9 (Note 2)
msec
Data set−up time
tSU;DAT
250
−
100
−
nsec
Rise time of both PC_SDA and PC_CLK signals
tr
−
1000
20 + 0.1 Cb
(Note 4)
300
nsec
Fall time of both PC_SDA and PC_CLK signals
tf
−
300
20 + 0.1 Cb
(Note 4)
300
nsec
Set−up time for STOP condition
tSU;STO
4.0
−
0.6
−
nsec
Bus free time between a STOP and
START condition
tBUF
4.7
−
1.3
−
msec
Output fall time from VIHmin to VILmax with a bus
capacitance from 10 pF to 400 pF
tof
−
250
20 + 0.1 Cb
250
nsec
Pulse width of spikes which must be suppressed
by the input filter
tSP
n/a
n/a
0
50
nsec
Capacitive load for each bus line
Cb
−
400
−
400
pF
1. A device must internally provide a hold time of at least 300 ns for the PC_SDA signal to bridge the undefined region of the falling edge of PC_CLK.
2. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the PC_CLK signal.
3. A Fast−mode I2C−bus device can be used in a Standard−mode I2C−bus system, but the requirement tSU;DAT P250ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the PC_CLK signal. If such a device does stretch the
LOW period of the PC_CLK signal, it must output the next data bit to the PC_SDA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according
to the Standard−mode I2C−bus specification) before the PC_CLK line is released.
4. Cb = total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com