Electronic Components Datasheet Search
  English  ▼

X  

R3710 Datasheet(PDF) 10 Page - ON Semiconductor

Part # R3710
Description  Preconfigured DSP System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R3710 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button R3710 Datasheet HTML 6Page - ON Semiconductor R3710 Datasheet HTML 7Page - ON Semiconductor R3710 Datasheet HTML 8Page - ON Semiconductor R3710 Datasheet HTML 9Page - ON Semiconductor R3710 Datasheet HTML 10Page - ON Semiconductor R3710 Datasheet HTML 11Page - ON Semiconductor R3710 Datasheet HTML 12Page - ON Semiconductor R3710 Datasheet HTML 13Page - ON Semiconductor R3710 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RHYTHM R3710
www.onsemi.com
10
This tool can also be easily incorporated into another
software application.
If the noise is injected before the VC and the audio path
is also enabled, the device can be set up to either have both
the audio path and noise adjust via the VC or to have the
noise only adjust via the VC. If the noise in injected after the
VC, it is not affected by VC changes (see Table 4).
Table 4. NOISE INJECTION EFFECT ON VC
Noise
Insertion
Modes
VC Controls
Noise
Injected
Audio
Enabled
Off
Audio
Off
Yes
Pre VC
Audio + Noise
Pre VC
Yes
Post VC
Audio
Post VC
Yes
Noise only
Pre VC
Noise
Pre VC
No
Noise only
Post VC
−
Post VC
No
Pre VC with
Noise
Noise
Pre VC
Yes
Narrow−band Tone and Noise Stimulus
R3710 is capable of producing Narrow−band Noise and
Tone Stimuli that can be used for in situ audiometry. Each
narrow−band noise is centred on an audiometric frequency.
The duration of the stimuli is adjustable and the level of the
stimuli are individually adjustable.
A/D and D/A Converters
The system’s A/D converter is a second order sigma−delta
modulator operating at a 2.048 MHz sample rate. The
system’s audio input is pre−conditioned with antialias
filtering and a programmable gain pre−amplifier. This
analog output is over−sampled and modulated to produce a
1−bit Pulse Density Modulated (PDM) data stream. The
digital PDM data is then decimated down to Pulse−Code
Modulated (PCM) digital words at the system sampling rate
of 32 kHz.
The D/A is comprised of a digital, third order sigma−delta
modulator and an H−bridge. The modulator accepts PCM
audio data from the DSP path and converts it into a 64−times
or 128−times over−sampled, 1−bit PDM data stream, which
is then supplied to the H−bridge. The H−bridge is a
specialized CMOS output driver used to convert the 1−bit
data stream into a low−impedance, differential output
voltage waveform suitable for driving zero−biased hearing
aid receivers.
HRX Head Room Expander
R3710 has an enhanced Head Room Extension (HRX)
circuit that increases the input dynamic range of R3710
without any audible artifacts. This is accomplished by
dynamically adjusting the pre−amplifier’s gain and the
post−A/D attenuation depending on the input level.
Channel Processing
Figure 6 represents the I/O characteristic of independent
AGC channel processing. The I/O curve can be divided into
the following main regions:
• Low input level expansion (squelch) region
• Low input level linear region
• Compression region
• High input level linear region (return to linear)
Figure 6. Independent Channel I/O Curve Flexibility
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−120 −110 −100 −90 −80 −70 −60 −50 −40 −30 −20
INPUT LEVEL (dBV)
Low Level
Gain
Compression
Ratio
High Level
Gain
Squelch
Threshold
Lower
Threshold
Upper
Threshold
The I/O characteristic of the channel processing can be
adjusted in the following ways:
• Squelch threshold (SQUELCHTH)
• Low level gain (LLGAIN)
• Lower threshold (LTH)
• High level gain (HLGAIN)
• Upper threshold (UTH)
• Compression ratio (CR)
To ensure that the I/O characteristics are continuous, it is
necessary to limit adjustment to a maximum of four of the
last five parameters. During Parameter Map creation, it is
necessary to select four parameters as user adjustable, or
fixed, and to allow one parameter to be calculated.
The squelch region within each channel implements a low
level noise reduction scheme (1:2 or 1:3 expansion ratio) for
listener comfort. This scheme operates in quiet listening
environments (programmable threshold) to reduce the gain
at very low levels. When the Squelch and AFC are both
enabled it is highly recommended that the Squelch be turned
on in all channels and that the Squelch thresholds be set
above the microphone noise floor (see Adaptive Feedback
Canceller).
The number of compression channels is programmable in
ARKonline® and can be 1, 2, 4, 6 or 8.
Graphic Equalizer
R3710 has a 16−band graphic equalizer. The bands are
spaced linearly at 500 Hz intervals, except for the first and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com