| Electronic Components Datasheet Search |
|
R3710 Datasheet(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
R3710 Datasheet(HTML) 1 Page - ON Semiconductor |
|
1 / 18 page ![]() © Semiconductor Components Industries, LLC, 2015 December, 2015 − Rev. 5 1 Publication Order Number: R3710/D RHYTHM R3710 Preconfigured DSP System Description RHYTHM t R3710 is a preconfigured DSP system designed specifically for Invisible−In−Canal (IIC) hearing aid devices. Available in the industry’s smallest hybrid form−factors, it is well suited for hearing aid designs that are placed deep in the ear canal. Using miniaturized advanced packaging techniques, ON Semiconductor enables hearing aid manufacturers to take advantage of the highly compact size to produce IIC hearing aids that fit a greater portion of the market. Featuring iSceneDetect t environmental classification, adaptive noise reduction, feedback cancellation, and up to 8−channel WDRC, R3710 provides the advanced features and performance level typically found in high−end products. Acoustic Environment Classification − The iSceneDetect environmental classification algorithm is capable of analyzing the hearing aid user’s acoustic environment and automatically optimizes the hearing aid to maximize comfort and audibility. iLog t 6.0 Datalogging − Enables the recording of various hearing aid parameters such as program selection, volume setting and ambient sound levels. The sampling interval can be configured to record from every 4 seconds up to once every 60 minutes. The fitting system can present the data to help the fitting specialist fine tune the hearing aid and counsel the wearer during follow up visits. Evoke t Advanced Acoustic Indicators − Allows manufacturers to provide more pleasing, multi−frequency tones simulating musical notes or chords to indicate events such as program or volume changes. Adaptive Feedback Canceller − Automatically reduces acoustic feedback and allows for an increase in the stable gain while minimizing artifacts for music and tonal input signals. Adaptive Noise Reduction − The adaptive noise reduction algorithm on R3710 monitors noise levels independently in 128 individual bands and employs advanced psychoacoustic models to provide user comfort. Tinnitus Masking − R3710 is equipped with a noise source that can be used to mask tinnitus. The noise can be shaped, attenuated, and duty cycled then summed into the audio path either before or after the volume control. In−situ Tone and Noise Generator − The narrow−band noise and tone stimulus feature can be used for in−situ validation of the hearing aid fitting. The frequency, level and duration of the stimuli are individually adjustable. www.onsemi.com PAD CONNECTION MARKING DIAGRAM R3710 XXXXXX R3710 = Specific Device Code XXXXXX = Work Order Number VIN2 VIN1 MS2 DVC OUT+ OUT− NC VC MS1 SDA CLK VB MGND VREG GND2 GND1 1 (Bottom View) 2 16 15 14 13 12 11 10 9 3 4 5 6 7 8 See detailed ordering and shipping information on page 15 of this data sheet. ORDERING INFORMATION |
Similar Part No. - R3710 |
|
Similar Description - R3710 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |