Electronic Components Datasheet Search
  English  ▼

X  

R3710 Datasheet(PDF) 3 Page - ON Semiconductor

Part # R3710
Description  Preconfigured DSP System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R3710 Datasheet(HTML) 3 Page - ON Semiconductor

  R3710 Datasheet HTML 1Page - ON Semiconductor R3710 Datasheet HTML 2Page - ON Semiconductor R3710 Datasheet HTML 3Page - ON Semiconductor R3710 Datasheet HTML 4Page - ON Semiconductor R3710 Datasheet HTML 5Page - ON Semiconductor R3710 Datasheet HTML 6Page - ON Semiconductor R3710 Datasheet HTML 7Page - ON Semiconductor R3710 Datasheet HTML 8Page - ON Semiconductor R3710 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RHYTHM R3710
www.onsemi.com
3
SPECIFICATIONS
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Operating Temperature Range
0 to +40
°C
Storage Temperature Range
−20 to +70
°C
Absolute Maximum Power Dissipation
50
mW
Maximum Operating Supply Voltage
1.65
VDC
Absolute Maximum Supply Voltage
1.8
VDC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
WARNING:
Electrostatic Sensitive Device − Do not open packages or handle except at a static−free workstation.
WARNING:
Moisture Sensitive Device − RoHS Compliant; Level 4 MSL. Do not open packages except under controlled conditions.
Table 2. ELECTRICAL CHARACTERISTICS (Supply Voltage VB = 1.25 V; Temperature = 25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Minimum Operating Supply Voltage
VBOFF
Ramp down, audio path
0.93
0.95
0.97
V
Ramp down, control logic
0.77
0.80
0.83
Supply Voltage Turn On Threshold
VBON
Ramp up, zinc−air
1.06
1.10
1.16
V
Ramp up, NiMH
1.16
1.20
1.24
Hybrid Current
All functions, 32 kHz sampling rate
−
665
−
mA
All functions, 16 kHz sampling rate
−
575
−
EEPROM Burn Cycles
−
−
100 k
−
−
cycles
Low Frequency System Limit
−
−
−
125
−
Hz
High Frequency System Limit
−
−
−
16
−
kHz
Total Harmonic Distortion
THD
VIN = −40 dBV
−
−
1
%
THD at Maximum Input
THDM
VIN = −15 dBV, HRX − ON
−
−
3
%
Clock Frequency
fCLK
−
3.973
4.096
4.218
MHz
REGULATOR
Regulator Voltage
VREG
−
0.87
0.90
0.93
V
System PSRR
PSRRSYS
1 kHz, Input referred, HRX enabled
−
70
−
dB
INPUT
Input Referred Noise
IRN
Bandwidth 100 Hz − 8 kHz
−
−108
−106
dBV
Input Impedance
ZIN
1 kHz
−
3
−
M
W
Anti−aliasing Filter Rejection
−
f = [DC − 112 kHz], VIN = −40 dBV
−
80
−
dB
Crosstalk
−
Between VIN1 and VIN2
−
60
−
dB
Maximum Input Level
−
−
−
−15
−13
dBV
Analogue Input Voltage Range
VAN_IN
VIN1, VIN2
0
−
800
mV
Input Dynamic Range
−
HRX − ON Bandwidth
100 Hz − 8 kHz
−
95
96
dB
Audio Sampling Rate
−
−
8
−
48
kHz
OUTPUT
D/A Dynamic Range
−
100 Hz − 8 kHz
−
88
−
dB
Output Impedance
ZOUT
−
−
10
13
W
CONTROL A/D
Resolution (monotonic)
−
−
7
−
−
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com