Electronic Components Datasheet Search
  English  ▼

X  

AP3603 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AP3603
Description  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AP3603 Datasheet HTML 1Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 2Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 3 -
4.
Block Diagram
CC1
FB1
FBamp1
V ref
Vref
-
+
GND2
-
+
V5 UVLOcomp
Vref
3.6V
DRV2
SS
RSN1
Vcnt.
PWMcomp1
V 5R eg .
Iss
PWON
Reset
OSC
Reset
-
+
VO OVPcomp
FB
Vrefx1.35
iRAMP
Set
PWON
Level Shift1
Reset
OCLcomp1
RT
FSYN
Vref
V 8R eg .
VDD
V8
DRV1
RSP1
V8
-
+
V8 UVLOcomp
Vref
V4
V5
MDC
VDD
Max Duty Control
-
+
RSP1 UVLOcomp
Vref
-
+
Vref
RSP2 UVLOcomp
Reset
-
+
VDD OVPcomp
VDD
Vref
-
+
CSamp1
SS
SS
-
+
-
+
CC2
FB2
FBamp2
-
+
3.6V
RSN2
Vcnt.
PWMcomp2
Reset
iRAMP
Reset
OCLcomp2
Vref
RSP2
-
+
CSamp2
SS
-
+
-
+
Level Shift2
GND1
5.
Ordering Guide
AP3603
-40~125°C
20-pin HTSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com