Electronic Components Datasheet Search
  English  ▼

X  

AP3603 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AP3603
Description  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AP3603 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 10Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 11Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 12Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 9 -
10.8
CC1 and CC2 Pin Voltage (Error Amplifier output) Clamping Function
The voltage of CC pin (CC1 and CC2) which is the output of error amplifier stays around 1.2V (SS pin
voltage) under the condition of normal PWM operation. The feedback response goes worse in case the
voltage difference between CC pin (CC1 and CC2) and 1.2V becomes large under the abnormal condition
like the output voltage beyond setting voltage. It causes the over shoot or under shoot. The AP3603 clamps
the voltage of CC pin (CC1 and CC2) as below to prevent CC pin (CC1 and CC2) voltage from going out of
a normal operating condition
Detect condition
Release condition
Operation
CCx pin voltage≦0.9V
or
FBx pin voltage≦3.6V×75%
Switching command has requested
or
FBx pin voltage≧3.6V×85%
CCx pin connects to SS pin and
Error Amplifier output
disconnect to CCx pin
10.9
External Synchronous Operation
External synchronization is available by an input timing signal to the FSYN pin. The AP3603 enters external
synchronous operation mode when edge of FSYN turns off the external MOSFET connected to DRV2. If the
high level input of FSYN continues more than 1 cycle of internal CLK, the AP3603 change the
synchronization from external clock to internal oscillator. The input signal to the FSYN pin for
synchronization must be 50% duty. FSYN pin must be open in case of no use of external synchronous
operation. The AP3603 does not operate if FSYN pin connect to GND because internal OSC does not
generate the clock signal. At the case of using an external synchronous operation, FSYN pin must be open
before and during startup. And input the external clock to FSYN pin after V8 voltage reach the target (8V
) approximately.
Hi入力時は内部CLK優先
固定オフ時間
外部同期可能
外部同期可能
外部同期開始
外部同期解除
内部発振
50%
内部CLK
内部発振
50%
50%
50%
外部同期
FSYN(外部CLK)
DRV1
DRV2
Figure 2. External Synchronous Timing Chart
Internal OSC
Internal OSC
External SYNC
Precede internal clock in input High
Fixed OFF time
Available
external
Sync
Available
external
Sync
Enter
external
Sync
Exit
external
Sync
FSYN
(External CLK)
Internal CLK
DRV1
DRV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com