Electronic Components Datasheet Search
  English  ▼

X  

AP3603 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP3603
Description  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP3603 Datasheet HTML 1Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 2Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 5 -
■ Functions
No.
Pin Name
I/O
Function
1
FSYN
I
External Synchronous Pin
This pin switches boost N-channel MOSFET of CH1 ON, synchronizing the falling
edge of input clock. The pin is pulled-up by 10uA constant current internally.
2
RT
I
PWM Frequency Setting Pin
Connect the resistor to GND1 for setting the PWM frequency.
Refer 12.2 Operational Frequency Setting to calculate the resistance.
3
FB1
I
CH1 Output Voltage Feedback Pin
Output voltage is controlled so that FB1 pin voltage becomes 3.6V. Connect the
feedback resistance between the positive side of output capacitor and GND1, and
voltage divide node of feedback resistance should be connected to FB1 pin.
4
CC1
O
CH1 Error Amplifier Output Pin
Connect the resistance and capacitor in parallel between CC1 pin and SS pin to
compensate phase stability.
5
GND1
-
Signal Ground Pin
Connect GND2 at just below the AP3603 to prevent potential difference between
this pin and the GND2 pin.
6
SS
O
CH1 and CH2 Soft Start Pin
Connect a capacitor between SS pin and GND to set the soft start time. When the
capacitor value is 0.1uF, the soft start time becomes 12ms.
7
CC2
O
CH2 Error Amplifier Output Pin
Connect the resistance and capacitor in parallel between CC2 pin and SS pin to
compensate phase stability.
8
FB2
I
CH2 Output Voltage Feedback Pin
Connect the feedback resistance between the positive side of output capacitor and
GND1 during dual output application usage. Voltage divide node of feedback
resistance should be connected to FB2 pin.
Connect this pin to FB1 pin at the dual phase single output application usage.
9
PWON
I
Power On Signal Input Pin
After “H” signal input, the internal voltage source V5 is powered up and then the
start-up sequence is initiated.
10
MDC
O
Maximum On Duty Set Pin
Set the maximum on time by the external resistance connecting between MDC and
GND1.
11
RSP2
I
CH2 Current Detect Positive Pin
12
RSN2
I
CH2 Current Detect Negative Pin
13
DRV2
O
CH2 N-channel MOSFET Drive Pin
14
V4
O
V4 Linear Regulator Output Pin
Middle voltage node of boost driver. Connect MLCC 0.22μF or more between V4
pin and GND2 to stabilize the internal voltage.
15
V8
O
V8 Linear Regulator Output Pin
Power source of Boost driver. Connect MLCC 2.2μF or more between V8 and
GND2 to stabilize the internal voltage.
16
VDD
-
Main Power Source Pin
17
GND2
-
Power Ground Pin
Connect the GND1 at just below the AP3603 to prevent potential difference between
this pin and the GND1 pin.
18
DRV1
O
CH1 N-channel MOSFET Drive Pin
19
RSN1
I
CH1 Current Detect Negative Pin
20
RSP1
I
CH1 Current Detect Positive Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com