Electronic Components Datasheet Search
  English  ▼

X  

AP3603 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AP3603
Description  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 10Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 11Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 12Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 13Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 14Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 15Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 12 -
13. Attention of PCB Layout
■ Recommended Layout
■ GND Layout
GND plane should be as large as possible. The output capacitor and input capacitor should be connected to
the same ground plane.
■ Switching Node Layout
The switching node line between external N-channel MOSFETs, the Schottky barrier diode and power
inductor should be thick and short. Wiring to the DRV1 and DRV2 should be as short as possible.
■ Current Sense Resistor Layout
A current sense resistor should be located as close as possible to the AP3603 so that the wirings to the RSP
pin and the RSN pin from the both ends of the current sense resistor have the same resistance.
■ Feedback Pin Layout
Feedback resistors connected in series between the output capacitor and the GND should be connected as
near as possible to the output capacitor and as far as possible from the switching node. The middle point of
feedback two resistors should be as close as possible to the FB pin.
■ Capacitors for V8, V4 and SS
Capacitors between V8 pin and GND2, V4 pin and GND2, SS pin and GND1 should be connected as near
as possible to the each terminals of the AP3603.
■ Bypass Capacitor
The bypass capacitor between the VDD pin and the GND2 should be connected as near as possible to the
AP3603.
Figure 5. Top Layer Silk
Figure 6. Bottom Layer
Figure 4. Top Layer
Figure 7. Bottom Layer Silk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com