Electronic Components Datasheet Search
  English  ▼

X  

ATX0200 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
7.7 CONDUCTED SUSCEPTIBILTY – EN 61000 – 4 - 6:1996
7.8 VOLTAGE FLUCTATION - EN 61000 – 3 – 3 :1995
7.9 EN61000-3-2 harmonic current emissions.
If applicable to sales in Europe, the power supply shall meet the
requirements ofEN 61000-3-2 Class D and the Guidelines for the Suppression
of Harmonics in Appliances and General Use Equipment Class D for harmonic
line current content at full-rated power.
7.10 EN 55022:2006+A1:2007 class B Radio interference.
7.11 FCC part 15 class B 115VAC operation.
8. MTBF
8.1 MTBF (MEAN TIME BETWEEN FAILURES) CALCULATION
The demonstrated MTBF shall be 100,000 hours of continuous operation at 25
oC,full load,
80% confidence limit and nominal line. The MTBF of the power supply shall be calculated in
accordance with MIL-STD-217D/E. The DC FAN is not included.
9. MECHANICAL REQUIREMENTS
9.1 Physical Dimension
( 線材組合&外露長度僅供參考,可根據客戶要求更改或新增。)
I
O
OUT
條碼
客戶版本標
四合一標
LOGO
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
10 OF 11
2010/04/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com