Electronic Components Datasheet Search
  English  ▼

X  

ATX0200 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ATX0200 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
2.3.2 Definition
The ripple voltage of the outputs shall be measured at the pins of the output connector
when terminated in the load impedance specified in figure 1. Ripple and noise are measured
at the connectors with a 0.1uF ceramic capacitor and a 10uF electrolytic capacitor to simulate
system loading.Ripple shall be measured under any condition of line voltage,output load,line
frequency,operation temperature.
2.3.3 Fignre3. Ripple/Noise voltage test circuit
Figure 3. Ripple/Noise voltage test circuit
2.4 Overshoot
Any overshoot at turn on or turn off shall be less 10% of the nominal voltage value, all outputs shall be within
the regulation limit of section 2.0 before issuing the power good signal of section 5.0.
2.5 Efficiency
Power supply typical efficiency is 80% under full Load at nominal input voltage of 115VAC or 230VAC.
2.6 Remote on/off control
When the logic level "PS-ON" is low, the DC outputs are to be enabled.
When the logic level is high or open collector, the DC outputs are to be disabled.
3. PROTECTION
3.1 Over-power protection
The power supply will be shutdown and latch off when output power is 110%~160%.
3.2 Over voltage protection
The over voltage sense circuitry and reference shall reside in packages that are separate and distinct
from the regulator control circuity and reference.No single point fault shall be able to cause a sustained
over voltage condition on any or all outputs.The supply shall provide latch-mode over voltage protection
as defined in Table.
output
Minimum
Nominal
Maximum
Unit
+12 V1DC or +12V2DC
13.4
15.0
17
Volts
+5 VDC
5.74
6.3
7.5
Volts
+3.3 VDC
3.76
4.2
4.8
Volts
3.3 Over Current Protection(300W)
+5VDC' and '+3.3VDC' have separate over current protection circuits to
meet 240VA safety requirement.
Parameter
Min.
Max.
Unit
+12V1
14
30
A
+12V2
13
30
A
AC H ot
AC Neutra l
Power Supply
V out
V re tu rn
10uF
0.1uF
Lo ad
Scope
AC Grou nd
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
6 OF 11
2010/04/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com