Electronic Components Datasheet Search
  English  ▼

X  

ATX0200 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
4.4 Capacitive Load-REQUIRED
The power supply should be able to power up and operate with the regulation limits
defined in Table 15,With the following capacitances simultaneously present on the DC outputs.
Output Capacitive Loads
Output
'+12V1DC
'+12V2DC
+5VDC
+3.3VDC
+5VSB
-12VDC
5. ENVIRONMENT
5.1 Operation
0
oC to 40oC
20 to 85%, non-condensing
5.2 Shipping and Storage
-40 TO 70
oC
5 to 90%, non-condensing
5.3 Altitude
3,000FT max.
15,000FT max.
5.4 Operating AC Input Voltage
AC 90 ~ 264V auto ranging
AC 103 ~ 264V auto ranging
6. SAFETY
6.1 Underwriters Laboratory (UL) recognition.
The power supply designed to meet UL 1950.
6.2 The power supply must be certified to EN 60950-1:2006.
6.3 The power supply must bear the German Bauart Mark from TUV.
6.4 Canadian Standards Association(CSA) approval.
The power supply designed to meet CSA C22.2 NO. 950.
6.5 SEMKO,NEMKO,DEMKO,FIMKO certified by any NORDIC .
7.0 ELECTROMAGNETIC COMPATIBILITY (EMC)
7.1 ELECTROSTATIC DISCHARGE (ESD) - EN 61000 – 4 - 2:1995
7.2 ELECTRICAL FAST TRANSIENT / BURST ( EFT/B) – EN 61000 – 4 - 4:1995
7.3 SURGE – EN 61000 – 4 - 5:1995
7.4 POWER FREQUENCY MAGNETIC FIELD – EN 61000 – 4 - 8:1993
7.5 VOLTAGE DIPS – RN 61000 – 4 - 11:1994
7.6 RADIATED SUSCEPTIBILTY – EN 61000 – 4 – 3 :1996
550W&600W
6000
Storage
Operating
Temperature
Relative Humidity
Temperature
Relative Humidity
300W~500W
Capacitive Load(uF)
10000
10000
10000
10000
330
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
9 OF 11
2010/04/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com