Electronic Components Datasheet Search
  English  ▼

X  

ATX0200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATX0200 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
MODEL NO. ATX0200
This specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W with
active P.F.C Switching Power Supply with an ATX form-factor,+5V standby voltage,fan control,ATX
12V Power supply version 2.3, remote on/off control,dual line input capability and forced air cooling
characteristics.
1.0 Table1. AC INPUT requirements
The input voltage, current, and frequency requirements for continuous
operation are stated below.
(300W)
Parameter
Min
Nom.
Max
Unit
Vin
90
100
-
240
264
VACrms
Vin Frequency
47
60
50
63
Hz
Iin
63
A
(350W)
Parameter
Min
Nom.
Max
Unit
Vin
90
100
-
240
264
VACrms
Vin Frequency
47
60
50
63
Hz
Iin
74
A
(400W)
Parameter
Min
Nom.
Max
Unit
Vin
90
100 -
240
264
VACrms
Vin Frequency
47
60
50
63
Hz
Iin
84
A
(450W)
Parameter
Min
Nom.
Max
Unit
Vin
90
100 -
240
264
VACrms
Vin Frequency
47
60
50
63
Hz
Iin
84
A
(500W)
Parameter
Min
Nom.
Max
Unit
Vin
90
100
-
240
264
VACrms
Vin Frequency
47
60
50
63
Hz
Iin
10
5
A
(550W)
Parameter
Min
Nom.
Max
Unit
Vin
103
115
240
264
VACrms
Vin Frequency
47
60
50
63
Hz
Iin
10
5
A
(600W)
Parameter
Min
Nom.
Max
Unit
Vin
103
115
240
264
VACrms
Vin Frequency
47
60
50
63
Hz
Iin
10
5
A
1.1 Inrush current limiting
50 A @ 115Vrms
100 A @ 230Vrms (at 25
oC ambient cold start).
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
1 OF 11
2010/04/15


Similar Part No. - ATX0200

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ATX-100 MEANWELL-ATX-100 Datasheet
729Kb / 3P
100W AC-DC ATX Power Adaptor
logo
Sparkle Power Inc.
ATX-250GU SPI-ATX-250GU Datasheet
230Kb / 2P
250 Watts ATX12V Switching Power Supply
ATX-300GT SPI-ATX-300GT Datasheet
569Kb / 2P
300 Watts ATX12V Switching Power Supply
ATX-300GU SPI-ATX-300GU Datasheet
176Kb / 2P
300 Watts ATX12V Switching Power Supply
ATX-300PA SPI-ATX-300PA Datasheet
388Kb / 2P
300 Watts ATX12V-2.2 Switching Power Supply
More results

Similar Description - ATX0200

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
List of Unclassifed Man...
ENA-0806 ETC2-ENA-0806 Datasheet
117Kb / 4P
specification describes the requirements of 60 watts switching power supply
ENH0800A ETC2-ENH0800A Datasheet
181Kb / 7P
specification describes the requirements of 400W watts switching power supply
ENO-0804A3 ETC2-ENO-0804A3 Datasheet
336Kb / 4P
specification describes the requirements of 40 watts switching power supply
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
Specification describes the requirements of 125/150/160Watts switching Power supply
ENP7000 ETC2-ENP7000 Datasheet
278Kb / 10P
specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
ENP7200 ETC2-ENP7200 Datasheet
320Kb / 8P
This specification describes the requirements of 200/300/350Watt with full range voltage,switching power supply
ENS0575 ETC2-ENS0575 Datasheet
229Kb / 8P
This specification describes the requirements of 650W/750Watts switching power
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
specification describes the requirements of 200,220,250,275Watts
logo
Mean Well Enterprises C...
LRS-450 MEANWELL-LRS-450 Datasheet
610Kb / 4P
450W Single Output Switching Power Supply
2022-09-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com