Electronic Components Datasheet Search
  English  ▼

X  

Z86C65 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86C65
Description  CMOS Z8 32KROMMICROCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C65 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86C65 Datasheet HTML 1Page - Zilog, Inc. Z86C65 Datasheet HTML 2Page - Zilog, Inc. Z86C65 Datasheet HTML 3Page - Zilog, Inc. Z86C65 Datasheet HTML 4Page - Zilog, Inc. Z86C65 Datasheet HTML 5Page - Zilog, Inc. Z86C65 Datasheet HTML 6Page - Zilog, Inc. Z86C65 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PRELIMINARY
Z86C60/65
CP96Z8X0400
FEATURES
ROM
RAM*
Speed 28-pin
Part
(KB)
(Bytes)
I/O
(MHz)
DIP
Z86C60
1 6
256
2 2
1 6
X
Z86C65
3 2
256
2 2
1 6
X
s
Low EMI Mode Option
s
Auto Latches
s
Two Programmable 8-Bit Counter/Timers Each with 6-
Bit Programmable Prescaler
s
Three Vectored, Priority Interrupts from Three Different
Sources
s
On-Chip Oscillator that Accepts a Crystal Ceramic
Resonator, LC, or External Clock Source
s
ROM Mask Options:
– ROM Protect
– RAM Protect
*General-Purpose
s
28-Pin DIP Package
s
3.0V to 5.5V Operating Range
s
Low-Power Consumption: 200 mW
s
Fast Instruction Pointer: 0.75
µs @ 16 MHz
s
Two Standby Modes: STOP and HALT
PRELIMINARY
CUSTOMERPROCUREMENTSPECIFICATION
Z86C60/65
CMOSZ8®
32KROMMICROCONTROLLER
The Z86C60/65 microcontrollers introduce a new level of
sophistication to single-chip architecture. The Z86C65 is a
member of the Z8 single-chip microcontroller family with
32 Kbytes of ROM and 256 bytes of RAM. The Z86C60 is
identical, except that it only has 16 Kbytes of ROM.
The Z86C60/65 are housed in a 28-pin DIP package, and
manufactured in CMOS technology. The Z86C96 ROMless
Z8 will support the Z86C60/65.
Zilog’s CMOS microcontroller offers fast execution, more
efficient use of memory, more sophisticated interrupts,
input/output bit manipulation capabilities, and easy hard-
ware/software system expansion along with low cost and
low power consumption.
The Z86C60/65 architecture is characterized by Zilog’s
8-bit microcontroller core. The device offers a flexible I/O
scheme, an efficient register and address space structure,
multiplexed capabilities between address/data, I/O, and a
number of ancillary features that are useful in many indus-
trial and advanced scientific applications.
For applications which demand powerful I/O capabilities,
the Z86C60/65 fulfills this with 22 pins dedicated to input
and output. These lines are grouped into four ports. Each
port is configurable under software control to provide
timing, status signals, serial or parallel I/O with or without
handshake, and an address/data bus for interfacing exter-
nal memory.
There are three basic address spaces available to support
this wide range of configurations: Program Memory, Data
Memory, and 236 General-Purpose Registers.
To unburden the program from coping with the real-time
problems such as counting/timing and serial data commu-
nication, the Z86C60/65 offers two on-chip counter/timers
with a large number of user selectable modes.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.,
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
CP96Z8X0400
(5/96)
GENERAL DESCRIPTION


Similar Part No. - Z86C65

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C6116PSC ZILOG-Z86C6116PSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C6116VSC ZILOG-Z86C6116VSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C62 ZILOG-Z86C62 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C6216PSC ZILOG-Z86C6216PSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
More results

Similar Description - Z86C65

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
CMOS Z8 OTP Microcontrollers
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
Z8 CMOS OTP Microcontrollers
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com