Electronic Components Datasheet Search
  English  ▼

X  

Z86C65 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86C65
Description  CMOS Z8 32KROMMICROCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C65 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86C65 Datasheet HTML 1Page - Zilog, Inc. Z86C65 Datasheet HTML 2Page - Zilog, Inc. Z86C65 Datasheet HTML 3Page - Zilog, Inc. Z86C65 Datasheet HTML 4Page - Zilog, Inc. Z86C65 Datasheet HTML 5Page - Zilog, Inc. Z86C65 Datasheet HTML 6Page - Zilog, Inc. Z86C65 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PRELIMINARY
Z86C60/65
CP96Z8X0400
Z86C60/65 28-Pin DIP Pin Identification
Pin #
Symbol
Function
Direction
1V
CC
Power Supply
Input
2
XTAL2
Crystal, Oscillator Clock
Output
3
XTAL1
Crystal, Oscillator Clock
Input
4
/RESET
Reset
Input
5
/DS
Data Strobe
Output
6
P35
Port 3, Pin 5
Output
7
GND
Ground
Input
8-13
P05-P00
Port 0, Pins 0,1,2,3,4,5
In/Output
14-21
P17-P10
Port 1, Pins 0,1,2,3,4,5,6,7 In/Output
22-26
P25-P21
Port 2, Pins 1,2,3,4,5
In/Output
2 7
P31
Port 3, Pin 1
Input
2 8
P36
Port 3, Pin 6
Output
PIN DESCRIPTION
Figure 2. Z86C60/65 28-Pin DIP
Pin Assignments
1
2
9
3
4
5
6
7
8
28
27
26
25
24
23
22
21
20
P36
P31
P16
P25
P24
P23
P22
P21
P17
VCC
XTAL2
RESET
/DS
P35
GND
P00
19
18
17
16
15
14
10
11
12
13
XTAL1
P03
P04
P05
P10
P15
P14
P13
P12
P11
P01
P02



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com