Electronic Components Datasheet Search
  English  ▼

X  

Z86C65 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C65
Description  CMOS Z8 32KROMMICROCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C65 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C65 Datasheet HTML 1Page - Zilog, Inc. Z86C65 Datasheet HTML 2Page - Zilog, Inc. Z86C65 Datasheet HTML 3Page - Zilog, Inc. Z86C65 Datasheet HTML 4Page - Zilog, Inc. Z86C65 Datasheet HTML 5Page - Zilog, Inc. Z86C65 Datasheet HTML 6Page - Zilog, Inc. Z86C65 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PRELIMINARY
Z86C60/65
CP96Z8X0400
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Test Load).
ABSOLUTE MAXIMUM RATINGS
Symbol
Description
Min
Max
Units
V
CC
Supply Voltage*
–0.3
+7.0
V
T
STG
Storage Temp
–65
+150
C
T
A
Oper Ambient Temp
†
†
Notes:
* Voltages on all pins with respect to GND.
† See ordering information
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational
sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for an extended pe-
riod may affect device reliability.
Figure 3. Test Load Diagram
From Output
Under Test
150 pF
I



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com