Electronic Components Datasheet Search
  English  ▼

X  

Z86C65 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86C65
Description  CMOS Z8 32KROMMICROCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C65 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86C65 Datasheet HTML 1Page - Zilog, Inc. Z86C65 Datasheet HTML 2Page - Zilog, Inc. Z86C65 Datasheet HTML 3Page - Zilog, Inc. Z86C65 Datasheet HTML 4Page - Zilog, Inc. Z86C65 Datasheet HTML 5Page - Zilog, Inc. Z86C65 Datasheet HTML 6Page - Zilog, Inc. Z86C65 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PRELIMINARY
Z86C60/65
CP96Z8X0400
DC ELECTRICAL CHARACTERISTICS
Z86C60/65
T
A = 0°C
Typical
to +70
°C
at
Sym
Parameter
Min
Max
25
°C
Units
Conditions
V
CC
OperatingVoltage
4.5
5.5
V
[3]
MaxInputVoltage
7
V
[3]I
IN<250µA
V
CH
ClockInputHighVoltage
0.85V
CC
V
CC+0.3
V
DrivenbyExternalClockGenerator
V
CL
ClockInputLowVoltage
V
SS–0.3
0.8
V
DrivenbyExternalClockGenerator
V
IH
InputHighVoltage
2
V
CC+0.3
V
V
IL
InputLowVoltage
V
SS–0.3
0.2V
CC
V
V
OH
OutputHighVoltage
2.4
V
CC
VI
OH=–2.0mA
V
OH
OutputHighVoltage
V
CC–100mV
V
I
OH=–100µA
V
OH
OutputHighVoltage(LowEMI)
2.4
V
I
OH=–0.5mA
V
OL
OutputLowVoltage
0.4
V
I
OL=+5.0 mA[2]
V
OL
OutputLowVoltage(LowEMI)
0.4
V
I
OL=+2.0 mA[2]
V
RH
ResetInputHighVoltage
0.85V
CC
V
CC+0.3
V
V
Rl
ResetInputLowVoltage
–0.3
0.2V
CC
V
I
IL
InputLeakage
–2
2
µAV
IN=0V,VCC
I
OL
OutputLeakage
–2
2
µAV
IN=0V,VCC
I
IR
ResetInputCurrent
–180
µAV
RL=0V
I
CC
SupplyCurrent(StandardMode)
35
24
mA
[1]@16MHz
I
CC
SupplyCurrent(LowEMI)
6.0
4.0
mA
@4MHz
I
CC1
StandbyCurrent(StandardMode)
15
4.5
mA
[1]HALTModeV
IN=0V,VCC@16MHz
I
CC1
StandbyCurrent(LowEMI)
1.6
0.8
mA
@4MHz
I
CC2
StandbyCurrent
10
5
µA
[1]STOPModeV
IN=0V,VCC
I
ALL
AutoLatchLowCurrent
–14
+14
5
µAV
CC=5.0V
Notes:
[1]
All inputs driven to either 0V or V
CC
, outputs floating.
[2]
V
CC
= 4.5V to 5.5V
[3]
/Reset pin must be a maximum of V
CC
+ 0.3V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com