Electronic Components Datasheet Search
  English  ▼

X  

Z89167 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z89167 Datasheet HTML 6Page - Zilog, Inc. Z89167 Datasheet HTML 7Page - Zilog, Inc. Z89167 Datasheet HTML 8Page - Zilog, Inc. Z89167 Datasheet HTML 9Page - Zilog, Inc. Z89167 Datasheet HTML 10Page - Zilog, Inc. Z89167 Datasheet HTML 11Page - Zilog, Inc. Z89167 Datasheet HTML 12Page - Zilog, Inc. Z89167 Datasheet HTML 13Page - Zilog, Inc. Z89167 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Z89165/166/167/168/169
DTAD CONTROLLERS
CP96TAD0103
ZILOG
DC ELECTRICAL CHARACTERISTICS
Z89165/Z89166
T
A = 0° C
Typical
V
CC
to +70
°
@
Sym
Parameter
Note [1]
Min
Max
25
°C
Units
Conditions
V
MAX
Max Input Voltage
5.0V
7
V
I
IN = 250 µA
V
CH
Clock Input High Voltage
5.0V
0.9 V
CC
V
CC+0.3
2.5
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
5.0V
GND-0.3
0.1 V
CC
1.5
V
Driven by External Clock Generator
V
IH
Input High Voltage
5.0V
0.7 V
CC
V
CC+0.3
2.5
V
V
IL
Input Low Voltage
5.0V
GND-0.3
0.2 V
CC
1.5
V
V
OH
Output High Voltage
5.0V
V
CC-0.4
4.8
V
I
OH = -2.0 mA (Does not include XTAL2)
V
OL1
Output Low Voltage
5.0V
0.4
0.1
V
I
OH = +4.0 mA
V
OL2
Output Low Voltage
5.0V
1.2
0.3
V
I
OL = +12 mA, 3 Pin Max
(Does not include XTAL2)
V
RH
Reset Input High Voltage
5.0V
0.8 V
CC
V
CC
2.1
V
V
Rl
Reset Input Low Voltage
5.0V
GND-0.3
0.2 V
CC
1.7
V
V
OFFSET
Comparator Input Offset
5.0V
25
10
mV
Voltage
I
IL
Input Leakage
5.0V
-5
5
<5
µAV
IN = OV, VCC
I
OL
Output Leakage
5.0V
-5
5
<5
µAV
IN = OV, VCC
I
IR
Reset Input Current
5.0V
-55
-30
µA
Notes:
[1] 5.0
± 10% (V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com