Electronic Components Datasheet Search
  English  ▼

X  

Z89167 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z89167 Datasheet HTML 14Page - Zilog, Inc. Z89167 Datasheet HTML 15Page - Zilog, Inc. Z89167 Datasheet HTML 16Page - Zilog, Inc. Z89167 Datasheet HTML 17Page - Zilog, Inc. Z89167 Datasheet HTML 18Page - Zilog, Inc. Z89167 Datasheet HTML 19Page - Zilog, Inc. Z89167 Datasheet HTML 20Page - Zilog, Inc. Z89167 Datasheet HTML 21Page - Zilog, Inc. Z89167 Datasheet HTML 22Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
Z89165/166/167/168/169
DTAD CONTROLLERS
CP96TAD0103
ZILOG
AC ELECTRICAL CHARACTERISTICS
Z89167/168/169
Additional Timing Table
V
CC
T
A=0°C to +70°C
No
Symbol
Parameter
Note [5]
Min
Max
Units
Notes
1
TpC
Input Clock Period
5.0 V
41.67
ns
[1]
2
TrC,TfC
Clock Input Rise & Fall Times
5.0 V
6
ns
[1]
3
TwC
Input Clock Width
5.0 V
16
ns
[1]
4
TwTinL
Timer Input Low Width
5.0 V
70
ns
5
TwTinH
Timer Input High Width
5.0 V
3TpC
[1]
6
TpTin
Timer Input Period
5.0 V
8TpC
[1]
7
TrTin,
Timer Input Rise & Fall Timer
5.0 V
100
ns
[1]
TfTin
8A
TwIL
Int. Request Low Time
5.0 V
70
ns
[1,2]
8B
TwIL
Int. Request Low Time
5.0 V
3TpC
[1]
9
TwIH
Int. Request Input High Time
5.0 V
3TpC
[1]
10
Twsm
Stop-Mode Recovery Width Spec
5.0 V
12
ns
[1]
5TpC
11
Tost
Oscillator Startup Time
5.0 V
5TpC
[3]
12
Twdt
Watch-Dog Timer
5.0 V
5
ms
D1=0, D0 = 0 [4]
5.0 V
15
ms
D1=0, D0 = 1 [4]
5.0 V
25
ms
D1=1, D0 = 0 [4]
5.0 V
100
ms
D1=1, D0 = 1 [4]
Notes:
[1] Timing Reference uses 0.9 V
CC for a logic 1 and 0.1 VCC for a logic 0.
[2] Interrupt request via Port 3 (P31-P33).
[3] SMR-D5 = 0.
[4] Reg. WDT.
[5] 5.0V
± 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com