Electronic Components Datasheet Search
  English  ▼

X  

Z89167 Datasheet(PDF) 20 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button Z89167 Datasheet HTML 14Page - Zilog, Inc. Z89167 Datasheet HTML 15Page - Zilog, Inc. Z89167 Datasheet HTML 16Page - Zilog, Inc. Z89167 Datasheet HTML 17Page - Zilog, Inc. Z89167 Datasheet HTML 18Page - Zilog, Inc. Z89167 Datasheet HTML 19Page - Zilog, Inc. Z89167 Datasheet HTML 20Page - Zilog, Inc. Z89167 Datasheet HTML 21Page - Zilog, Inc. Z89167 Datasheet HTML 22Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
Z89165/166/167/168/169
DTAD CONTROLLERS
CP96TAD0103
ZILOG
AC ELECTRICAL CHARACTERISTICS
Z89165/166
Handshake Timing Table
V
CC
T
A=0°C to +70°C
Data
No
Symbol
Parameter
Note [1]
Min
Max
Units
Direction
1
TsDI(DAV)
Data In Setup Time
5.0 V
0
ns
IN
2
ThDI(RDY)
RDY to Data Hold Time
5.0 V
0
ns
IN
3
TwDAV
Data Available Width
5.0 V
40
ns
IN
4
TdDAVI(RDY)
DAV Fall to RDY Fall Delay
5.0 V
70
ns
IN
5
TdDAVId(RDY)
DAV Rise to RDY Rise Delay
5.0 V
40
ns
IN
6
TdDO(DAV)
RDY Rise to DAV Fall Delay
5.0 V
0
ns
IN
7
TcLDAV0(RDY)
Data Out to DAV Fall Delay
5.0 V
TpC
ns
OUT
8
TcLDAV0(RDY)
DAV Fall to RDY Fall Delay
5.0 V
0
ns
OUT
9
TdRDY0(DAV)
RDY Fall to DAV Rise Delay
5.0 V
70
ns
OUT
10 TwRDY
RDY Width
5.0 V
40
ns
OUT
11 TdRDY0d(DAV)
RDY Rise to DAV Fall Delay
5.0 V
40
ns
OUT
Notes:
[1] 5.0 V
± 0.5 V
AC ELECTRICAL CHARACTERISTICS
Z89167/168/169
Handshake Timing Table
V
CC
T
A=0°C to +70°C
Data
No
Symbol
Parameter
Note [1]
Min
Max
Units
Direction
1
TsDI(DAV)
Data In Setup Time
5.0 V
0
ns
IN
2
ThDI(RDY)
Ready to Data In Hold Time
5.0 V
0
ns
IN
3
TwDAV
Data Available Width
5.0 V
110
ns
IN
4
TdDAVI(RDY)
DAV Fall to RDY Fall Delay
5.0 V
115
ns
IN
5
TdDAVId(RDY)
DAV Rise to RDY Rise Delay
5.0 V
80
ns
IN
6
TdDO(DAV)
RDY Rise to DAV Fall Delay
5.0 V
0
ns
IN
7
TcLDAV0(RDY)
Data Out to DAV Fall Delay
5.0 V
25
ns
OUT
8
TcLDAV0(RDY)
DAV Fall to RDY Fall Delay
5.0 V
0
ns
OUT
9
TdRDY0(DAV)
RDY Fall to DAV Rise Delay
5.0 V
115
ns
OUT
10 TwRDY
RDY Width
5.0 V
80
ns
OUT
11 TdRDY0d(DAV)
RDY Rise to DAV Fall Delay
5.0 V
80
ns
OUT
Notes:
[1] 5.0 V
± 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com