Electronic Components Datasheet Search
  English  ▼

X  

Z89302 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z89302
Description  Digital Television Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89302 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z89302 Datasheet HTML 1Page - Zilog, Inc. Z89302 Datasheet HTML 2Page - Zilog, Inc. Z89302 Datasheet HTML 3Page - Zilog, Inc. Z89302 Datasheet HTML 4Page - Zilog, Inc. Z89302 Datasheet HTML 5Page - Zilog, Inc. Z89302 Datasheet HTML 6Page - Zilog, Inc. Z89302 Datasheet HTML 7Page - Zilog, Inc. Z89302 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CP96TEL1803 (9/96)
1
P R E L I M I N A R Y
CUSTOMER PROCUREMENT SPECIFICATION
FEATURES
s
40-Pin DIP Packages
s
4.75- to 5.25-Volt Operating Range
s
0
°C to +70°C Temperature Range
s
Fully Customized Character Set
s
Character-Control and Closed-Caption Modes
s
Keypad User Control
s
TV Tuner Serial Interface
s
Direct Video Signals
GENERAL DESCRIPTION
The Z89302/04/06 Digital Television Controllers are
designed to provide complete audio and video control of
television receivers, video recorders, and advanced on-
screen display facilities. The Television Controllers feature
a Z89C00 RISC processor core that controls the on-board
peripheral functions and registers using the standard
processor instruction set.
Character attributes can be controlled through two modes:
the on-screen display Character-Control Mode and the
Closed-Caption Mode. The Character-Control Mode
provides access to the full set of attribute controls, allowing
the modification of attributes on a character-by-character
basis. The insertion of control characters permits direction
of other character attributes.
The fully customized 512 character set, formatted in two
256 character banks, can be displayed with a host of
display attributes that include underlining, italics, blinking,
eight foreground/background colors, character position
offset delay, and background transparency.
Serial interfacing with the television tuner is provided
through the tuner serial port. Other serial devices, such as
digital channel tuning adjustments, may be accessed
through the industry-standard I2C port.
User control can be monitored through the keypad
scanning port, or the 16-bit remote control capture
register. Receiver functions such as color and volume can
be directly controlled by eight 8-bit pulse width modulated
ports.
The Z89302/04/06 has two internal 12 MHz VCOs that are
referenced to a 32 kHz internal oscillator to provide the
system clock. In Sleep Mode, the controller uses the
32 kHz clock for the system clock to reduce power
consumption. The processor can be suspended by placing
it into STOP Mode when main power is not available for
low-power consumption.
Z89302/04/06
1
DIGITAL TELEVISION CONTROLLER
Device
ROM
(KB)
RAM*
(Bytes)
Speed
MHz
Z89302
24
640
12
Z89304
16
640
12
Z89306
12
640
12
Note: * General-Purpose


Similar Part No. - Z89302

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89301 ZILOG-Z89301 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89305 ZILOG-Z89305 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89307 ZILOG-Z89307 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
More results

Similar Description - Z89302

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86127 ZILOG-Z86127 Datasheet
106Kb / 8P
LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
DIGITAL TELEVISION CONTROLLER
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89314 ZILOG-Z89314 Datasheet
85Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z90102 ZILOG-Z90102 Datasheet
232Kb / 36P
40-Pin Low-Cost Digital Television Controller
Z89332 ZILOG-Z89332 Datasheet
62Kb / 8P
Digital Television Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com